Electronic Components Datasheet Search
  English  ▼

X  

LTC3523 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3523
Description  Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3523 Datasheet(HTML) 4 Page - Linear Technology

  LTC3523 Datasheet HTML 1Page - Linear Technology LTC3523 Datasheet HTML 2Page - Linear Technology LTC3523 Datasheet HTML 3Page - Linear Technology LTC3523 Datasheet HTML 4Page - Linear Technology LTC3523 Datasheet HTML 5Page - Linear Technology LTC3523 Datasheet HTML 6Page - Linear Technology LTC3523 Datasheet HTML 7Page - Linear Technology LTC3523 Datasheet HTML 8Page - Linear Technology LTC3523 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3523/LTC3523-2
4
3523fb
TYPICAL PERFORMANCE CHARACTERISTICS
Normalized FBx Reference vs
Temperature
Inrush Current Control for the
Step-Up Converter
Inrush Current Control for the
Step-Down Converter
Load Transient Response Step-Up
Load Transient Response
Step-Down
Current Limit vs Temperature
RDS(ON) vs Input Voltage for the
Step-Down Converter
Normalized Oscillator Frequency
vs Temperature
TEMPERATURE (°C)
–45
–25
–5
1.00000
1.00125
75
3523 G01
0.99875
0.99500
0.99750
0.99625
15
35
55
TEMPERATURE (°C)
–45
–25
–5
1.00
1.05
75
3523 G02
0.95
15
35
55
VOUT_BCK
1V/DIV
IL_BCK
200mA/DIV
200μs/DIV
3523 G04
VOUT = 1.2V
VIN = 2.4V
COUT = 10μF
L1 = 4.7μH
SHDN2
2V/DIV
OUTPUT
RIPPLE
20mV/DIV
LOAD
CURRENT
20mA/DIV
500μs/DIV
3523 G05
VOUT = 3.3V
VIN = 2.4V
COUT = 10μF
L1 = 4.7μH
20mA TO 70mA STEP
OUTPUT
RIPPLE
20mV/DIV
LOAD
CURRENT
20mA/DIV
500μs/DIV
3523 G06
VOUT = 1.2V
VIN = 2.4V
COUT = 47μF
L1 = 4.7μH
CF = 68pF
10mA TO 30mA STEP
RDS(ON) vs Output Voltage for the
Step-Up Converter
TEMPERATURE (°C)
–45
0.8
1.0
1.2
35
75
3523 G07
0.6
0.4
–25
–5
15
55
0.2
0
BOOST CURRENT
LIMIT
BUCK CURRENT
LIMIT
INPUT VOLTAGE (V)
1
0.40
0.60
5
3523 G08
0.20
0
2
3
4
1.5
2.5
3.5
4.5
0.80
0.30
0.50
0.10
0.70
PMOS
NMOS
OUTPUT VOLTAGE (V)
1
0
0.05
0.15
0.20
0.25
0.50
0.35
2
3
3.5
3532 G09
0.10
0.40
0.45
0.30
1.5
2.5
4
4.5
5
PMOS
NMOS
(TA = 25°C unless otherwise noted)
VOUT_BST
2V/DIV
IL_BST
200mA/DIV
SHDN1
2V/DIV
200μs/DIV
3523 G03
VOUT = 3.3V
VIN = 2.4V
COUT = 10μF
L1 = 4.7μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com