Electronic Components Datasheet Search
  English  ▼

X  

LTC3544B Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3544B
Description  Quad Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544B Datasheet(HTML) 1 Page - Linear Technology

  LTC3544B Datasheet HTML 1Page - Linear Technology LTC3544B Datasheet HTML 2Page - Linear Technology LTC3544B Datasheet HTML 3Page - Linear Technology LTC3544B Datasheet HTML 4Page - Linear Technology LTC3544B Datasheet HTML 5Page - Linear Technology LTC3544B Datasheet HTML 6Page - Linear Technology LTC3544B Datasheet HTML 7Page - Linear Technology LTC3544B Datasheet HTML 8Page - Linear Technology LTC3544B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC3544B

3544bfb
Typical applicaTion
FeaTures
applicaTions
DescripTion
Quad Synchronous
Step-Down Regulator: 2.25MHz,
300mA, 200mA, 200mA, 100mA
The LTC®3544B is a quad, high efficiency, monolithic
synchronous buck regulator using a constant frequency,
current mode architecture. The four regulators operate in-
dependentlywithseparaterunpins.The2.25Vto5.5Vinput
voltage range makes the LTC3544B well suited for single
Li-Ion/polymer battery-powered applications. 100% duty
cycle provides low dropout operation, extending battery
runtime in portable systems. At moderate and low output
load levels PWM pulse skip mode operation provides very
low output ripple voltage for noise sensitive applications.
Switching frequency is internally set to 2.25MHz, al-
lowing the use of small surface mount inductors and
capacitors.
The internal synchronous switches increase efficiency
and eliminate the need for external Schottky diodes. Low
outputvoltagesareeasilysupportedwiththe0.8Vfeedback
reference voltage.
The LTC3544B is available in a low profile (0.75mm)
(3mm
× 3mm) QFN package.
■
High Efficiency: Up to 95%
■
Four Independent Regulators Provide Up to 300mA,
200mA, 200mA and 100mA Output Current
■
2.25V to 5.5V Input Voltage Range
■
2.25MHz Constant Frequency Operation
■
No Schottky Diodes Required
■
Low Dropout Operation: 100% Duty Cycle
■
Pulse Skipping at Low Load for Minimum Ripple
■
0.8V Reference Allows Low Output Voltages
■
Shutdown Mode Draws <1µA Supply Current
■
Current Mode Operation for Excellent Line and Load
Transient Response
■
Overtemperature Protected
■
Low Profile (3mm
× 3mm) 16-Lead QFN Package
■
Cellular Telephones
■
Personal Information Appliances
■
Wireless and DSL Modems
■
Digital Still Cameras
■
Media Players
■
Portable Instruments
4.7µH
3.3µH
10µH
93.1k
107k
4.7µF
CER
4.7µF
CER
3.3µH
133k
59k
107k
118k
3544B TA01a
4.7µF
CER
4.7µF
CER
4.7µF
CER
VOUT3
0.8V
VOUT1
1.2V
VOUT2
1.5V
VIN
2.25V TO 5.5V
VOUT4
1.8V
RUN200B
SW200B
VFB200B
RUN200A
SW200A
VFB200A
RUN300
SW300
VFB300
RUN100
SW100
VFB100
VCC
PVIN
LTC3544B
GNDA
PGND
100k
High Efficiency Quad Step-Down Converter
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.0001
0.01
0.1
1
3544B TA01b
0
1
0.1
0.01
0.001
0.001
VIN = 2.5V
VIN = 3.6V
VIN = 4.3V
VOUT = 1.5V
TA = 25°C
EFFICIENCY
POWER LOSS
Efficiency vs Load Current, 300mA
Channel, All Other Channels Off
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5481178, 6580258, 6304066, 6127815, 6498466,
6611131, 5994885.


Similar Part No. - LTC3544B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544BEUD LINER-LTC3544BEUD Datasheet
269Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544BEUD-PBF LINER-LTC3544BEUD-PBF Datasheet
269Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
More results

Similar Description - LTC3544B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3544 LINER-LTC3544_15 Datasheet
298Kb / 16P
Quad Synchronous Step-Down Regulator
LTC3562 LINER-LTC3562_15 Datasheet
257Kb / 20P
I2C Quad Synchronous Step-Down DC/DC Regulator
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
Synchronous Step-Down Regulator
logo
Linear Technology
LT8602 LINER-LT8602 Datasheet
1Mb / 30P
42V Quad Monolithic Synchronous Step-Down Regulator
logo
Bookly Micro electronic
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
Synchronous Step-Down Regulator
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
Synchronous Step-Down Regulator
logo
Analog Devices
LT8685S AD-LT8685S Datasheet
1Mb / 24P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev.0
LT7200S AD-LT7200S Datasheet
1Mb / 35P
Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
Rev 0
LT8686S AD-LT8686S Datasheet
2Mb / 26P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com