Electronic Components Datasheet Search
  English  ▼

X  

LTC3544B Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3544B
Description  Quad Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544B Datasheet(HTML) 5 Page - Linear Technology

  LTC3544B Datasheet HTML 1Page - Linear Technology LTC3544B Datasheet HTML 2Page - Linear Technology LTC3544B Datasheet HTML 3Page - Linear Technology LTC3544B Datasheet HTML 4Page - Linear Technology LTC3544B Datasheet HTML 5Page - Linear Technology LTC3544B Datasheet HTML 6Page - Linear Technology LTC3544B Datasheet HTML 7Page - Linear Technology LTC3544B Datasheet HTML 8Page - Linear Technology LTC3544B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC3544B

3544bfb
Typical perForMance characTerisTics
Start-Up Curves, All Channels
Load Step Response, 300mA
Channel
Load Step Response, 200mA
Channel A
Load Step Response, 200mA
Channel B
Load Step Response, 100mA
Channel
Load Step Crosstalk
VOUT100
VOUT200A
VOUT200B
VOUT300
RUNx
200µs/DIV
VIN = 3.6V
TA = 25°C
ALL CHANNELS UNLOADED
3544B G10
VOUT300
100mV/DIV
AC-COUPLED
IL
250mA/DIV
ILOAD
250mA/DIV
20µs/DIV
VIN = 3.6V
VOUT = 1.8V
TA = 25°C
ILOAD = 300µA TO 300mA
3544B G11
VOUT200A
50mV/DIV
AC-COUPLED
IL
250mA/DIV
ILOAD
100mA/DIV
20µs/DIV
VIN = 3.6V
VOUT = 0.8V
TA = 25°C
ILOAD = 340µA TO 200mA
3544B G12
VOUT200B
50mV/DIV
AC-COUPLED
IL
250mA/DIV
ILOAD
100mA/DIV
20µs/DIV
VIN = 3.6V
VOUT = 1.5V
TA = 25°C
ILOAD = 340µA TO 200mA
3544B G13
VOUT100
50mV/DIV
AC-COUPLED
IL
100mA/DIV
ILOAD
100mA/DIV
20µs/DIV
VIN = 3.6V
VOUT = 1.2V
TA = 25°C
ILOAD = 200µA TO 100mA
3544B G14
VOUT100
10mV/DIV
VOUT200A
10mV/DIV
VOUT200B
10mV/DIV
VOUT300
100mV/DIV
40µs/DIV
VIN = 3.6V
TA = 25°C
300mA LOAD STEP ON VOUT300
OTHER CHANNELS LOADED 50% OF MAXIMUM
3544B G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com