Electronic Components Datasheet Search
  English  ▼

X  

LTC3544B Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3544B
Description  Quad Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544B Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3544B Datasheet HTML 10Page - Linear Technology LTC3544B Datasheet HTML 11Page - Linear Technology LTC3544B Datasheet HTML 12Page - Linear Technology LTC3544B Datasheet HTML 13Page - Linear Technology LTC3544B Datasheet HTML 14Page - Linear Technology LTC3544B Datasheet HTML 15Page - Linear Technology LTC3544B Datasheet HTML 16Page - Linear Technology LTC3544B Datasheet HTML 17Page - Linear Technology LTC3544B Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LTC3544B

3544bfb
applicaTions inForMaTion
Design Example
As a design example, consider using the LTC3544B as
a portable application with a Li-Ion battery. The battery
provides VIN ranging from 2.8V to 4.2V. The demand at
2.5V is 250mA necessitating the use of the 300mA output
for this requirement.
Beginning with this channel, first calculate the inductor
valueforabout35%ripplecurrent(100mAinthisexample)
at maximum VIN. Using a form of equation:
L
V
MHz
mA
V
V
µH
4
2 5
2 25
100
1
2 5
4 2
4 5
=


=
.
.
•
–
.
.
.
For the inductor, use the closest standard value of 4.7µH.
A 4.7µF capacitor should be sufficient for the output ca-
pacitor. A larger output capacitor will attenuate the load
transient response, but increase the settling time. A value
for CIN = 4.7µF should suffice as the source impedance of
a Li-Ion battery is very low.
The feedback resistors program the output voltage.
Minimizing the current in these resistors will maximize
efficiency at very light loads, but totals on the order of
200k are a good compromise between efficiency and im-
munity to any adverse effects of PCB parasitic capacitance
on the feedback pins. Choosing 10µA with 0.8V feedback
voltage makes R7 = 80k. A close standard 1% resistor is
76.8k. Using:
R
V
R
k
OUT
8
0 8
1
7 163 2
= 


=
.
– •
.
The closest standard 1% resistor is 162k. An optional
20pF feedback capacitor may be used to improve transient
response. The component values for the other channels
are chosen in a similar fashion.
Figure 5 shows the complete schematic for this example,
along with the efficiency curve and transient response for
the 300mA channel.
Figure 4
C1
C9
C10
GND
L1
L4
L2
L3
PGND
3544B F04
VCC
C4
C3
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com