Electronic Components Datasheet Search
  English  ▼

X  

LTC3544B Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3544B
Description  Quad Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3544B Datasheet(HTML) 4 Page - Linear Technology

  LTC3544B Datasheet HTML 1Page - Linear Technology LTC3544B Datasheet HTML 2Page - Linear Technology LTC3544B Datasheet HTML 3Page - Linear Technology LTC3544B Datasheet HTML 4Page - Linear Technology LTC3544B Datasheet HTML 5Page - Linear Technology LTC3544B Datasheet HTML 6Page - Linear Technology LTC3544B Datasheet HTML 7Page - Linear Technology LTC3544B Datasheet HTML 8Page - Linear Technology LTC3544B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC3544B

3544bfb
Typical perForMance characTerisTics
VREF vs Temperature at 2.25V,
3.6V, 5.5V
Switching Frequency vs Supply
Voltage and Temperature
Efficiency vs Load Current 300mA
Channel. All Other Channels at
50% Peak Current
Efficiency vs Load Current 300mA
Channel. All Other Channels Off
Efficiency vs Load Current 200mA
Channel A. All Other Channels Off
Efficiency vs Load Current 200mA
Channel B. All Other Channels Off
Load Regulation, All Channels
Efficiency vs Load Current 100mA
Channel. All Other Channels Off
Efficiency vs Supply Voltage, All
Channels 50% Loaded
TEMPERATURE (°C)
–50
0.785
0.790
0.795
0.800
0805
0.810
0.815
0
50
100
3544B G01
VIN = 2.25V
VIN = 3.6V
VIN = 5.5V
CHANNEL 200A
ILOAD = 100mA
ALL CHANNELS OPERATING
SUPPLY VOLTAGE (V)
2
1.5
2.0
2.5
3.0
3
4
3544B G02
5
6
fOSC –40°C
fOSC 0°C
fOSC 25°C
fOSC 80°C
ILOAD CHANNEL 100 = 50mA
ALL CHANNELS OPERATING
LOAD CURRENT 300mA CHANNEL (A)
30
90
100
20
10
80
50
70
60
40
0.0001
0.01
0.1
1
3544B G03
0
0.001
VIN = 3.6V
VOUT = 1.8V
TA = 25°C
ALL OTHER CHANNELS LOADED 50%
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.0001
0.01
0.1
1
3544B G04
0
0.001
VOUT = 1.8V
TA = 25°C
ALL OTHER CHANNELS OFF
VIN = 2.25V
VIN = 3.6V
VIN = 5.5V
LOAD CURRENT (A)
30
90
20
10
80
50
70
60
40
0.0001
0.01
0.1
1
3544B G05
0
0.001
VOUT = 0.8V
TA = 25°C
ALL OTHER CHANNELS OFF
VIN = 2.25V
VIN = 3.6V
VIN = 5.5V
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.0001
0.01
0.1
1
3544B G06
0
0.001
VOUT = 1.5V
TA = 25°C
ALL OTHER CHANNELS OFF
VIN = 2.25V
VIN = 3.6V
VIN = 5.5V
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.0001
0.01
0.1
1
3544B G07
0
0.001
VOUT = 1.2V
TA = 25°C
ALL OTHER CHANNELS OFF
VIN = 2.25V
VIN = 3.6V
VIN = 5.5V
LOAD (mA)
0
0.6
0.8
1.2
300
3544B G09
0.4
0.2
100
200
400
0
–0.2
1.0
100mA
200mA (A)
200mA (B)
300mA
VIN = 3.6V
TA = 25°C
CHANNELS NOT UNDER
TEST HELD AT CONSTANT
50% MAXIMUM LOAD
SUPPLY VOLTAGE (V)
2
70
80
3544B G08
60
50
3
4
5
100
90
VOUT100 = 1.2V
VOUT200A = 0.8V
VOUT200B = 1.5V
VOUT300 = 1.8V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com