Electronic Components Datasheet Search
  English  ▼

X  

LTC3563 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3563
Description  500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3563 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3563 Datasheet HTML 5Page - Linear Technology LTC3563 Datasheet HTML 6Page - Linear Technology LTC3563 Datasheet HTML 7Page - Linear Technology LTC3563 Datasheet HTML 8Page - Linear Technology LTC3563 Datasheet HTML 9Page - Linear Technology LTC3563 Datasheet HTML 10Page - Linear Technology LTC3563 Datasheet HTML 11Page - Linear Technology LTC3563 Datasheet HTML 12Page - Linear Technology LTC3563 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3563
9
3563f
APPLICATIO S I FOR ATIO
A general LTC3563 application circuit is shown in Figure1.
External component selection is driven by the load require-
ment and begins with the selection of the inductor L. Once
the inductor is chosen, CIN and COUT can be selected.
the burst clamp. Lower inductor values result in higher
ripple current which causes the transition to occur at lower
load currents. This causes a dip in efficiency in the upper
range of low current operation. In Burst Mode operation,
lower inductance values cause the burst frequency to
increase.
Inductor Core Selection
Different core materials and shapes change the size/current
and price/current relationships of an inductor. Toroid or
shielded pot cores in ferrite or permalloy materials are small
and don’t radiate much energy, but generally cost more
than powdered iron core inductors with similar electrical
characteristics. The choice of which style inductor to use
often depends more on the price vs size requirements
and any radiated field/EMI requirements than on what the
LTC3563 requires to operate. Table 1 shows some typi-
cal surface mount inductors that work well in LTC3563
applications.
Input Capacitor (CIN) Selection
In continuous mode, the input current of the converter is a
square wave with a duty cycle of approximately VOUT/VIN.
To prevent large voltage transients, a low equivalent series
resistance (ESR) input capacitor sized for the maximum
RMS current must be used. The maximum RMS capacitor
current is given by:
II
VV
V
V
RMS
MAX
OUT
IN
OUT
IN
≈
()
–
where the maximum average output current IMAX equals
the peak current minus half the peak-to-peak ripple cur-
rent, IMAX = ILIM – ΔIL/2. This formula has a maximum at
VIN = 2VOUT, where IRMS = IOUT/2. This simple worst-case
is commonly used to design because even significant
deviations do not offer much relief. Note that capacitor
manufacturer’s ripple current ratings are often based on
only 2000 hours life time. This makes it advisable to further
derate the capacitor, or choose a capacitor rated at a higher
temperature than required. Several capacitors may also be
paralleled to meet the size or height requirements of the
VIN
LTC3563
RUN
3563 F01
L
CIN
COUT
SW
VIN
2.7V TO 5.5V
VOUT
VOUT
VSEL
GND
1.28V 1.87V
Figure 1. LTC3563 General Schematic
Inductor Selection
The inductor value has a direct effect on ripple current ΔIL,
which decreases with higher inductance and increases with
higher VIN or VOUT, as shown in following equation:
∆I
V
L
V
V
L
OUT
O
OUT
IN
=
⎛
⎝⎜
⎞
⎠⎟
ƒ •
–
1
where fO is the switching frequency. A reasonable starting
point for setting ripple current is ΔIL = 0.4 • IOUT(MAX),
where IOUT(MAX) is 500mA. The largest ripple current ΔIL
occurs at the maximum input voltage. To guarantee that
the ripple current stays below a specified maximum, the
inductor value should be chosen according to the follow-
ing equation:
L
V
I
V
V
OUT
OL
OUT
IN MAX
=
⎛
⎝
⎜
⎞
⎠
⎟
ƒ •
–
()
∆
1
The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple
current to prevent core saturation. Thus, a 600mA rated
inductor should be enough for most applications (500mA
+ 100mA). For better efficiency, choose a low DC-resis-
tance inductor.
The inductor value will also have an effect on Burst Mode
operation. The transition to low current operation begins
when the inductor’s peak current falls below a level set by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com