Electronic Components Datasheet Search
  English  ▼

X  

LTC3563 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3563
Description  500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3563 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3563 Datasheet HTML 2Page - Linear Technology LTC3563 Datasheet HTML 3Page - Linear Technology LTC3563 Datasheet HTML 4Page - Linear Technology LTC3563 Datasheet HTML 5Page - Linear Technology LTC3563 Datasheet HTML 6Page - Linear Technology LTC3563 Datasheet HTML 7Page - Linear Technology LTC3563 Datasheet HTML 8Page - Linear Technology LTC3563 Datasheet HTML 9Page - Linear Technology LTC3563 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3563
6
3563f
PI FU CTIO S
VOUT(Pin1):OutputVoltageFeedback.Aninternalresistive
divider divides the output voltage down for comparison
to the internal 0.6V reference voltage.
VIN (Pin 2): Power Supply Pin. Must be closely decoupled
to GND.
GND (Pin 3): Ground Pin.
SW (Pin 4): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchronous
power MOSFET switches.
VSEL(Pin5):OutputVoltageSelectionPin.Thispincontrols
the regulated output voltage. When tied to GND, VOUT is
1.28V. When floating or connecting this pin to VIN, VOUT
becomes 1.87V.
RUN (Pin 6): Converter Enable Pin. Forcing this pin above
1.5V enables this part, while forcing it below 0.3V causes
the device to shut down. In shutdown, all functions are
disabled drawing <1µA supply current. This pin must be
driven; do not float.
Exposed Pad (Pin 7): GND. The Exposed Pad is ground. It
must be soldered to PCB ground to provide both electrical
contact and optimum thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com