Electronic Components Datasheet Search
  English  ▼

X  

LTC3563 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3563
Description  500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3563 Datasheet(HTML) 5 Page - Linear Technology

  LTC3563 Datasheet HTML 1Page - Linear Technology LTC3563 Datasheet HTML 2Page - Linear Technology LTC3563 Datasheet HTML 3Page - Linear Technology LTC3563 Datasheet HTML 4Page - Linear Technology LTC3563 Datasheet HTML 5Page - Linear Technology LTC3563 Datasheet HTML 6Page - Linear Technology LTC3563 Datasheet HTML 7Page - Linear Technology LTC3563 Datasheet HTML 8Page - Linear Technology LTC3563 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3563
5
3563f
RDS(ON) vs Input Voltage
RDS(ON) vs Temperature
Switch Leakage vs Input Voltage
Efficiency vs Input Voltage
Switch Leakage vs Temperature
Efficiency vs Load Current
Efficiency vs Load Current
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise specified.
VIN (V)
1
0
0.1
0.3
0.4
0.5
5
0.9
3563 G13
0.2
3
26
47
0.6
0.7
0.8
SYNCHRONOUS
SWITCH
MAIN SWITCH
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
50
0.9
3563 G14
0.2
0
–25
75
100
25
125
0.6
0.7
0.8
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
SYNCHRONOUS
SWITCH
MAIN SWITCH
VIN (V)
0
0
200
400
600
1
2
34
3542 G15
5
800
1000
100
300
500
700
900
6
SYNCHRONOUS
SWITCH
MAIN SWITCH
TEMPERATURE (
°C)
–50
200
250
300
25
75
3542 G16
150
100
–25
0
50
100
125
50
0
MAIN SWITCH
SYNCHRONOUS SWITCH
INPUT VOLTAGE (V)
2.5
100
90
80
70
60
50
40
30
45
3563 G17
3
3.5
4.5
5.5
IOUT = 500mA
IOUT = 100mA
IOUT = 10mA
IOUT = 1mA
IOUT = 0.1mA
VOUT = 1.87V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3563 G17
0
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 1.87V
FIGURE 3a CIRCUIT
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3563 G18
0
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 1.28V
FIGURE 3a CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com