Electronic Components Datasheet Search
  English  ▼

X  

LTC3563 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3563
Description  500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3563 Datasheet(HTML) 3 Page - Linear Technology

  LTC3563 Datasheet HTML 1Page - Linear Technology LTC3563 Datasheet HTML 2Page - Linear Technology LTC3563 Datasheet HTML 3Page - Linear Technology LTC3563 Datasheet HTML 4Page - Linear Technology LTC3563 Datasheet HTML 5Page - Linear Technology LTC3563 Datasheet HTML 6Page - Linear Technology LTC3563 Datasheet HTML 7Page - Linear Technology LTC3563 Datasheet HTML 8Page - Linear Technology LTC3563 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3563
3
3563f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. No pin should exceed 6V.
Note 2: The LTC3563 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Failure to solder the Exposed Pad of the package to the PC board
will result in a thermal resistance much higher than 40°C/W.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VUVLO
Undervoltage Lockout Threshold
VIN Rising
VIN Falling
1.8
2.0
1.9
2.3
V
V
VRUN
RUN Threshold
●
0.3
1.2
V
IRUN
RUN Leakage Current
●
±0.01
±1
µA
VSEL
VSEL Threshold
●
0.3
1
1.2
V
RSEL
VSEL Pull-Up Resistance
Resistance Between VSEL and VIN
1.3
2.2
3
MΩ
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 4: The converter is tested in a proprietary test mode that connects
the output of the error amplifier to the SW pin, which is connected to an
external servo loop.
Note 5: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 6: The DFN switch on resistance is guaranteed by correlation to wafer
level measurements.
Note 7: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD) • (θJA).
Burst Mode Operation
Start-Up from Shutdown
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise specified.
SW
2V/DIV
VIN = 3.6V
VOUT = 1.87V
ILOAD = 30mA
2
µs/DIV
3563 G01
VOUT
50mV/DIV
AC COUPLED
IL
100mA/DIV
RUN
2V/DIV
IL
200mA/DIV
VIN = 3.6V
VOUT = 1.87V
ILOAD = 0A
400
µs/DIV
3542 G02
VOUT
1V/DIV
RUN
2V/DIV
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.87V
ILOAD = 500mA
400
µs/DIV
3563 G03
VOUT
1V/DIV
Start-Up from Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com