Electronic Components Datasheet Search
  English  ▼

X  

UM1547 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 12Page - STMicroelectronics UM1547 Datasheet HTML 13Page - STMicroelectronics UM1547 Datasheet HTML 14Page - STMicroelectronics UM1547 Datasheet HTML 15Page - STMicroelectronics UM1547 Datasheet HTML 16Page - STMicroelectronics UM1547 Datasheet HTML 17Page - STMicroelectronics UM1547 Datasheet HTML 18Page - STMicroelectronics UM1547 Datasheet HTML 19Page - STMicroelectronics UM1547 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
AT command list
UM1547
16/51
DocID023232 Rev 5
3.10.2
Responses
If the coprocessor chipset is correctly connected, the output of the command gives infos
(versions and ID) about the coprocessor. Example:
•
CP Device Version: 0x03
•
CP Firmware Version: 0x01
•
CP Authentication protocol Major version: 0x02
•
CP Authentication protocol Minor version: 0x00
•
CP Device ID: 0x00000200
When the coprocessor is not connected or badly connected the output of the command is
CP Data Fail or CP Address Fail.
3.11
DefaultLocalName
The DefaultLocalName command is used to set the name of the device to the name that is
reported during device discoveries. By default, the ATn FW interface uses “Amp'ed UP!”.
Changing the name using this command will permanently change the local name, unlike the
LocalName command, specified hereafter.
3.11.1
Syntax
AT+AB DefaultLocalName [name]
Where [name] is a string for the new local name, case sensitive (up to 20 characters). The
space character is allowed; the name is assumed to be all text up to the end of the
command.
3.11.2
Responses
If the operation is successful, the response is:
AT-AB LocalNameOk
3.12
DeleteAutoReconnect
The DeleteAutoReconnect command is used to delete the reconnect feature
The device in the reconnection memory will be deleted, but the function will remain enabled,
and the settings will stay in effect. This setting is saved in NVM.
3.12.1
Syntax
At+ab DeleteAutoReconnect
3.12.2
Responses
If the operation is successful, the response is:
AT-AB DeleteAutoReconnectDone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com