Electronic Components Datasheet Search
  English  ▼

X  

UM1547 Datasheet(PDF) 26 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 22Page - STMicroelectronics UM1547 Datasheet HTML 23Page - STMicroelectronics UM1547 Datasheet HTML 24Page - STMicroelectronics UM1547 Datasheet HTML 25Page - STMicroelectronics UM1547 Datasheet HTML 26Page - STMicroelectronics UM1547 Datasheet HTML 27Page - STMicroelectronics UM1547 Datasheet HTML 28Page - STMicroelectronics UM1547 Datasheet HTML 29Page - STMicroelectronics UM1547 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
AT command list
UM1547
26/51
DocID023232 Rev 5
3.35.2
Responses
If the operation is successful, the response is:
AT-AB SmartCableConfigDone
3.36
Sniff
The Sniff command is used by AT2 FW to switch a device from active mode to sniff mode.
3.36.1
Syntax
AT+AB Sniff [BD address] [Sniff Interval]
Where [BD address] is the BD address of the device to be switched to active mode. [Sniff
Interval] is given in slots from 66-10,000.
3.36.2
Responses
If the operation is successful, the response is:
AT-AB SniffMode
3.37
SPPConnect
The SPPConnect command is used to initiate a connection with the specified device. The
remote BD address must be specified. The remote Service is optional. If not specified, the
first registered SPP service will be used by default.
3.37.1
Syntax
AT+AB SPPConnect [BD Addr] [Service]
Where [BD Addr] is the remote device’s BD address to page. [Service] is the specific service
on the remote device (optional).
3.37.2
Responses
If the connection is successful, the response is:
AT-AB ConnectionUp [Remote BD Addr]
AT-AB -BypassMode-
If the connection cannot be completed, the response is:
AT-AB SPPConnectionClosed
3.38
SPPDisconnect
The SPPDisconnect command is used to terminate a connection with the remote device. In
Multipoint or Broadcast mode, the master can disconnect a specific node by its ID (0,1,2....).
3.38.1
Syntax
AT+AB SPPDisconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com