Electronic Components Datasheet Search
  English  ▼

X  

UM1547 Datasheet(PDF) 36 Page - STMicroelectronics

Part # UM1547
Description  Using the firmware of the AT command set
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1547 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button UM1547 Datasheet HTML 32Page - STMicroelectronics UM1547 Datasheet HTML 33Page - STMicroelectronics UM1547 Datasheet HTML 34Page - STMicroelectronics UM1547 Datasheet HTML 35Page - STMicroelectronics UM1547 Datasheet HTML 36Page - STMicroelectronics UM1547 Datasheet HTML 37Page - STMicroelectronics UM1547 Datasheet HTML 38Page - STMicroelectronics UM1547 Datasheet HTML 39Page - STMicroelectronics UM1547 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
FW configuration variables
UM1547
36/51
DocID023232 Rev 5
Var18
GPIO_HostWakeup
None
GPIO register used to wake up the module after
it enters deep sleep mode. A setting of none
means that this function is disabled.
Var19
UseSmallPackets
False
If true, only DM1, DH1, DM3, DH3 packets are
allowed on a link. EDR is disabled.
Var20
EnableAFH
True
Enable/Disable the Adaptive Frequency
Hopping mode.
Var21
EnablePowerControl
True
Enable/Disable the Bluetooth Dynamic power
control feature.
Var22
HostFlowControl
0
Reserved for future usage.
Var23
ATReply
AT-AB
Sets the AT command reply prefix. All events
that are displayed are prefixed by this character
string (case sensitive).
Var24
QoS_Latency
20
Sets the Quality of Service Latency from 3 to 20
slots. A slot size is 625 microseconds.
Var25
CpuMHz
32
Sets the module’s CPU speed: 2, 4, 8, 12, 16,
20, 24, 28, 32, 36 and 64 MHz are allowed.
(Note: CpuMHz: 40 to 63 are not supported.)
Var26
HciBaudrate
921600
Baud rate of the HCI interface to the Bluetooth
controller: 230,400; 460,800; 921,600; and
2,000,000 baud are allowed.
Var27
SPIEnable
False
Enables the SPI interface to external pins.
Var28
SPIMode
Slave
Mode of the SPI.
Var29
I2CEnable
False
Enables the I2C interface to external pins.
(Note: not supported)
Var30
COD
240404
Bluetooth Class of Device.
Var32
HostEvents
True
All host events are sent when true.
Var33
BondingAllowed
True
Automatically allow bonding by default when
true.
Var34
PageScan
True
Enables page scan when true, or halts page
scan when false.
Var35
InquiryScan
True
Enables inquiry scan when true, or halts inquiry
scan when false.
Var36
MPMode
0
0 = point-to-point, 1 = multipoint using packet
protocol, 2 = broadcast.
Var37
UseExtLPO
False
True when a 32.768 kHz low power oscillator is
present, and false if not present.
Var38
HSE_MHz
13
MHz rating of the main crystal oscillator
(Read-only)
Var39
EnableEncryption
True
Set to true to enable the Bluetooth link
encryption
Table 10. AT2 version 1.3 - system configuration settings – version 1.4 (continued)
Variable
Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com