Electronic Components Datasheet Search
  English  ▼

X  

UM1657 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1657 Datasheet HTML 8Page - STMicroelectronics UM1657 Datasheet HTML 9Page - STMicroelectronics UM1657 Datasheet HTML 10Page - STMicroelectronics UM1657 Datasheet HTML 11Page - STMicroelectronics UM1657 Datasheet HTML 12Page - STMicroelectronics UM1657 Datasheet HTML 13Page - STMicroelectronics UM1657 Datasheet HTML 14Page - STMicroelectronics UM1657 Datasheet HTML 15Page - STMicroelectronics UM1657 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Hardware description
UM1657
12/48
DocID025094 Rev 1
Figure 2. STEVAL-IKR002Vx (RF module)
1.2.1
Boost mode
The SPIRIT1 can be configured to increase the output power in transmission mode.
In the default configuration the transmitter power amplifier (PA) output is biased by the 1.4 V
SMPS voltage output through the L0 external inductor (position D0 in the schematic,
Figure 3). This limits the maximum output power at about +11 dBm, measured at the 50
connector via the reference design.
Biasing the PA output through the inductor L0 directly connected to the battery, instead of
the SMPS output allows the maximum output power delivered at the 50
 connector (or at
the antenna) to be increased. The maximum output power changes with the voltage level
applied at the PA output.
To switch to the boost mode the inductor L0 must be removed from the position 1-2 D0 in
the schematic and soldered at the position 1-3 D0, then the voltage supply VCC_RF must
be provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com