Electronic Components Datasheet Search
  English  ▼

X  

UM1657 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1657 Datasheet HTML 23Page - STMicroelectronics UM1657 Datasheet HTML 24Page - STMicroelectronics UM1657 Datasheet HTML 25Page - STMicroelectronics UM1657 Datasheet HTML 26Page - STMicroelectronics UM1657 Datasheet HTML 27Page - STMicroelectronics UM1657 Datasheet HTML 28Page - STMicroelectronics UM1657 Datasheet HTML 29Page - STMicroelectronics UM1657 Datasheet HTML 30Page - STMicroelectronics UM1657 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
DocID025094 Rev 1
27/48
UM1657
SPIRIT1 DK - GUI description
48
3
SPIRIT1 DK - GUI description
This section describes how to use the Spirit1 DK-GUI.
3.1
Firmware installation
The boards come preprogrammed with firmware suitable to run Spirit1 DK-GUI, but if you
have received a new software release with a new firmware version or if you have
programmed other firmware in the board, it is necessary to reprogram the appropriate
firmware to operate the GUI. In order to restore the firmware, please follow the instruction in
section 4.2.9.2 and load the firmware image: …\Firmware\Binary file\SPIRIT1 DK.hex.
3.2
Detailed description
The SPIRIT1 DK - GUI can use only one SPIRIT1 DK - MB plus SPIRIT1 RF - DB plugged
on it, connected through a USB cable to a PC. So, it is necessary to run one instance of
SPIRIT1 DK - GUI for each board connected to the PC. Figure 13 and Figure 14 shows two
typical connections with one or two.
Figure 13. CONNECTION SETUP 1 - 1 PC WITH 2 SPIRIT DK - GUI
Figure 14. CONNECTION SETUP 2 - 2 PC WITH 1 SPIRIT DK - GUI EACH
During the tests, each SPIRIT1 DK - DB can work indifferently as transmitter (TX) or
receiver (RX). The TX device is intended to be used as a transmitter during the
communication tests, the RX device is intended to be used as a receiver during the
communication tests. The user can configure the SPIRIT1 DK - DB as a TX device or RX
device, and change dynamically this selection before running a test.
When the user runs the SPIRIT1 DK.exe file, the SPIRIT1 DK - GUI windows appears as
shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com