Electronic Components Datasheet Search
  English  ▼

X  

UM1657 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1657 Datasheet HTML 10Page - STMicroelectronics UM1657 Datasheet HTML 11Page - STMicroelectronics UM1657 Datasheet HTML 12Page - STMicroelectronics UM1657 Datasheet HTML 13Page - STMicroelectronics UM1657 Datasheet HTML 14Page - STMicroelectronics UM1657 Datasheet HTML 15Page - STMicroelectronics UM1657 Datasheet HTML 16Page - STMicroelectronics UM1657 Datasheet HTML 17Page - STMicroelectronics UM1657 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Hardware description
UM1657
14/48
DocID025094 Rev 1
1.3
STEVAL-IKR001V7D (with SPIRIT1 RF module with external
power amplifier @169 MHz)
The STEVAL-IKR001V7D includes RF motherboard and SPIRIT1 RF module with external
power amplifier tuned for 169 MHz band. A SMA connector on the RF module, in B Figure 4,
allows connection with RF instruments as spectrum analyzer and signal generator to the
SPIRIT1 by RF cable or also connect an antenna as the one included in the demo kit. The
board is powered through the RF daughterboard connector, in Figure 4, by the RF
motherboard and communicates through this connector by SPI and some GPIOs with the
microcontroller.
The VCC_RF pin of the RF daughterboard connector is linked to the Vbat of the SPIRIT1
through the jumper D in Figure 4 that can be also removed to measure the current
consumption, while the jumper C in Figure 4 is used to provide voltage to the power
amplifier (3.3 V).
The RF module includes a memory EEPROM in which some information on the RF module
at manufactory time are stored. The information is stored in the first pages of the EEPROM.
The memory is not intended to be changed by user.
Figure 4. STEVAL-IKR001V7D (RF module)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com