Electronic Components Datasheet Search
  English  ▼

X  

UM1657 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM1657
Description  SPIRIT1 development kit
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1657 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM1657 Datasheet HTML 16Page - STMicroelectronics UM1657 Datasheet HTML 17Page - STMicroelectronics UM1657 Datasheet HTML 18Page - STMicroelectronics UM1657 Datasheet HTML 19Page - STMicroelectronics UM1657 Datasheet HTML 20Page - STMicroelectronics UM1657 Datasheet HTML 21Page - STMicroelectronics UM1657 Datasheet HTML 22Page - STMicroelectronics UM1657 Datasheet HTML 23Page - STMicroelectronics UM1657 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Hardware description
UM1657
20/48
DocID025094 Rev 1
1.5.4
Band
The STEVAL-IDS001Vx has 4 different possible BOM lists, each one optimized for different
RF band as follow:
 315 MHz
 433 MHz
 868 MHz
 915 MHz
The chip antenna used supports all these four bands of frequency.
1.5.5
RF connector
The STEVAL-IDS001Vx provides two different RF connections: antenna (chip antenna
tuned for all the supported bands, default configuration) and UFL connector. Although the
default configuration allows communication on air, can be useful switch to the UFL
connector to connect the STEVAL-IDS001Vx to RF equipment as spectrum analyzer or RF
signal generator. To switch from antenna to UFL connector the C9 capacitor must be
removed and the C36 capacitor must be soldered. To restore the default configuration and
use the antenna the C36 capacitor must be removed and the C9 capacitor must be
soldered. In Figure 8, the two pads for C9 and C36 are showed together with the chip
antenna and UFL connector. According to the particular BOM, for each band, the value of
C36 is equals to C9.
Figure 8. RF connector scheme
1.5.6
Push buttons
For user interaction the board has two buttons both available to the application, G in
Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com