| Electronic Components Datasheet Search |
|
AN4654 Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4654 Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 32 page ![]() DocID027444 Rev 1 11/32 AN4654 Peripheral migration 31 EXTI Yes Yes+ Some peripherals are able to generate event in Stop mode (direct event) Identical Full compatibility DMA Yes Yes Only 1 DMA controller with up to 7 channels (DMA2 not present) NA Partial compatibility TIM Yes Yes Different set of timers, similar functionality Identical for the same timers (TIM2, TIM3, TIM6 and TIM7) Partial compatibility PWR Yes Yes+ Enhancements: – Flash off – Regulator in low power only in Stop mode Identical for the same feature Partial compatibility RCC Yes Yes+ New features added: – HSI after stop mode – crystal-less USB – HSI48 added – LSE driving strength Identical for the same feature Partial compatibility USART Yes Yes+ Choice for independent clock sources, time-out feature, wake-up from stop mode, auto-baud rate Identical Full compatibility I2C Yes Yes++ Communication events managed by hardware, FM+, wake up from stop mode, digital filter, independent clock option Identical New driver DAC Yes Yes Same features, only one DAC Identical Full compatibility ADC Yes Yes++ New analog part, new digital interface, oversampling feature, VLCD input, reduced analog inputs Identical (for reduced analog inputs) New driver RTC Yes Yes+ Same features, tamper pins configuration extension Identical Full compatibility FLASH Yes Yes Option byte modified NA Partial compatibility GPIO Yes Yes Same features Identical Full compatibility Firewall NA Yes New peripheral NA New driver USB FS Device Yes Yes+ Support low-power mode (LPM) and battery charging detection Identical Partial compatibility CRS NA Yes New peripheral NA NA Table 4. STM32 peripheral compatibility analysis, STM32L1 vs. STM32L0 series(1) (continued) Peripheral STM32L1 STM32L0 Compatibility Features Pinout Firmware |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |