Electronic Components Datasheet Search
  English  ▼

X  

AN4654 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4654
Description  Migrating between STM32L1 and STM32L0 series microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4654 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4654 Datasheet HTML 23Page - STMicroelectronics AN4654 Datasheet HTML 24Page - STMicroelectronics AN4654 Datasheet HTML 25Page - STMicroelectronics AN4654 Datasheet HTML 26Page - STMicroelectronics AN4654 Datasheet HTML 27Page - STMicroelectronics AN4654 Datasheet HTML 28Page - STMicroelectronics AN4654 Datasheet HTML 29Page - STMicroelectronics AN4654 Datasheet HTML 30Page - STMicroelectronics AN4654 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
DocID027444 Rev 1
27/32
AN4654
Peripheral migration
31
3.14
Real-time clock (RTC) interface
The RTC interface in STM32L0 series is backward compatible with STM32L1 version.
STM32L0 series implements enhancement in tamper inputs - possbility to not erase backup
registers for given RTC_TAMPx input. In STM32L0 series was changed also
RTC_ALARM_TYPE bit position for alarm output type selection.
3.15
SPI interface
The SPI interface was not changed in STM32L0 series and it’s fully compatible with the
STM32L1 version.
3.16
I2C interface
The STM32L0 series embeds a new I2C peripheral versus the STM32L1 series. The
architecture, features and programming interface are different.
As a consequence, the STM32L0 I2C programming procedures and registers are different
from those of the STM32L1 series, so any code written for the STM32L1 series using the
I2C needs to be rewritten to run on STM32L0 series.
The STM32L0 I2C provides best-in-class new features:
•
Communication events managed by hardware.
•
Programmable analog and digital noise filters.
•
Independent clock source: PCLK1, HSI or SYSCLK.
•
Wake-up from STOP mode.
•
Fast mode + (up to 1MHz) with 20mA I/O output current drive.
•
7-bit and 10-bit addressing mode, multiple 7-bit slave address support with
configurable masks.
•
Address sequence automatic sending (both 7-bit and 10-bit) in master mode.
•
Automatic end of communication management in master mode.
•
Programmable Hold and Setup times.
•
Command and Data Acknowledge control.
For more information about STM32L0 I2C features, please refer to I2C section of
STM32L0xx Reference Manual (RM0367).
3.17
USART interface
The STM32L0 series embeds a new USART peripheral versus the STM32L1 series. The
architecture, features and programming interface are modified to introduce new capabilities.
As a consequence, the STM32L0 USART programming procedures and registers are
modified from those of the STM32L1 series, so any code written for the STM32L1 series
using the USART needs to be updated to run on STM32L0 series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com