Electronic Components Datasheet Search
  English  ▼

X  

AN4654 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4654
Description  Migrating between STM32L1 and STM32L0 series microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4654 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4654 Datasheet HTML 14Page - STMicroelectronics AN4654 Datasheet HTML 15Page - STMicroelectronics AN4654 Datasheet HTML 16Page - STMicroelectronics AN4654 Datasheet HTML 17Page - STMicroelectronics AN4654 Datasheet HTML 18Page - STMicroelectronics AN4654 Datasheet HTML 19Page - STMicroelectronics AN4654 Datasheet HTML 20Page - STMicroelectronics AN4654 Datasheet HTML 21Page - STMicroelectronics AN4654 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Peripheral migration
AN4654
18/32
DocID027444 Rev 1
Alternate function mode
Alternate function configuration is similar for both products, the STM32L0 series has
reduced number of alternate functions in comparison to STM32L1 series. Consequently,
different alternate function number on given pin should be used for the same alternate
function.
Please refer to the “Alternate function mapping” table in the STM32L0 and STM32L1
datasheets for the detailed mapping of the system and the peripheral alternate function I/O
pins.
3.8
EXTI source selection
In STM32L0 some of the EXTI lines are direct: they are used by some peripherals to
generate a wakeup from Stop event or interrupt. In this case the status flag is provided by
the peripheral.
Other changes are only in number of EXTI lines: on STM32L0 there are 30 lines (22
configurable, and 7 direct), on STM32L1 there are 24 lines.
3.9
Timers (TIM)
In STM32L0 there is a modified set of timers (TIM2, TIM3,TIM6, TIM7, TIM21 and TIM22)
and a new one (LPTIM1) optimized for low power consumption and run in low power modes.
In STM32L1 the list of timers is made up of TIM2, TIM3, TIM4, TIM5, TIM6, TIM7, TIM9,
TIM10 and TIM11.
Synchronization capabilities can differ between timers, the user has to check details in the
already cited reference manuals. Table 8 details the different configurations, the fully
compatible timers are TIM2, TIM3, TIM6 and TIM7.
Table 8. Timers configuration for STM32L0 and STM32L1 series
Series
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA request
generation
Capture/compare
channels
Complementary
outputs
L0
TIM21
TIM22
16-bit
Up, down,
up/down
Any integer
between
1 and 65536
No
2
No
L1
TIM4
16-bit
Up, down,
up/down
Any integer
between
1 and 65536
Yes
4
No
TIM5
32-bit
Up, down,
up/down
Any integer
between
1 and 65536
Yes
4
No
TIM9
16-bit
Up, down,
up/down
Any integer
between
1 and 65536
No
2
No
TIM10
TIM11
16-bit
Up
Any integer
between
1 and 65536
No
1
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com