Electronic Components Datasheet Search
  English  ▼

X  

AN4654 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4654
Description  Migrating between STM32L1 and STM32L0 series microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4654 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4654 Datasheet HTML 15Page - STMicroelectronics AN4654 Datasheet HTML 16Page - STMicroelectronics AN4654 Datasheet HTML 17Page - STMicroelectronics AN4654 Datasheet HTML 18Page - STMicroelectronics AN4654 Datasheet HTML 19Page - STMicroelectronics AN4654 Datasheet HTML 20Page - STMicroelectronics AN4654 Datasheet HTML 21Page - STMicroelectronics AN4654 Datasheet HTML 22Page - STMicroelectronics AN4654 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
DocID027444 Rev 1
19/32
AN4654
Peripheral migration
31
3.10
Flash interface
Table 9 presents the difference between the Flash interface of STM32L1 series and
STM32L0 series (in this table, NA means that the feature is not available).
L0
and
L1
TIM2
TIM3
16-bit
Up, down,
up/down
Any integer
between
1 and 65536
Yes
4
No
TIM6
TIM7
16-bit
Up
Any integer
between
1 and 65536
Yes
0
No
Table 8. Timers configuration for STM32L0 and STM32L1 series (continued)
Series
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA request
generation
Capture/compare
channels
Complementary
outputs
Table 9. Flash differences between STM32L1 series and STM32L0 series(1)
FLASH
STM32L1 series
STM32L0 series
Main/Program
memory
Start Address
0x0800 0000
0x0800 0000
End Address
Up to 0x0807 FFFF
Up to 0x0802 FFFF
Granularity
Page of 256 bytes size
Page of 128 bytes size
EEPROM
memory
Start Address
0x0808 0000
0x0808 0000
End Address
Up to 0x0808 3FFF
Up to 0x0808 17FF
System memory
Start Address
0x1FF0 0000
0x1FF0 0000
End Address
0x1FF0 0FFF
0x1FF0 0FFF
Option Bytes
Start Address
0x1FF8 0000
0x1FF8 0000
End Address
0x1FF8 00FF
0x1FF8 007F
Read Protection
Unprotection
Level 0 no protection
RDP = 0xAA
Level 0 no protection
RDP = 0xAA
Protection
Level 1 memory protection
RDP ! = (Level 2 & Level 0)
Level 2 memory protection
RDP = 0xCC(3)
Level 1 memory protection
RDP != (Level 2 & Level 0)
Level 2: Lvl 1 +Debug disabled
RDP = 0xCC
PCROP protection
Write protection
Protection by 4 Kbytes
Protection by 4 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com