Electronic Components Datasheet Search
  English  ▼

X  

UPD750064CU Datasheet(PDF) 23 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 23 Page - NEC

Back Button UPD750064CU Datasheet HTML 19Page - NEC UPD750064CU Datasheet HTML 20Page - NEC UPD750064CU Datasheet HTML 21Page - NEC UPD750064CU Datasheet HTML 22Page - NEC UPD750064CU Datasheet HTML 23Page - NEC UPD750064CU Datasheet HTML 24Page - NEC UPD750064CU Datasheet HTML 25Page - NEC UPD750064CU Datasheet HTML 26Page - NEC UPD750064CU Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
23
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
6. PERIPHERAL HARDWARE FUNCTION
6.1 Port
The following three types of I/O ports are available.
• CMOS input (PORT0, 1, 11)
: 12
• CMOS input/output (PORT2, 3, 6)
: 12
• N-ch open-drain input/output (PORT4, 5)
: 8
Total
32
Table 6-1. Types and Features of Digital Ports
Port Name
Function
Operation and Features
Remarks
PORT0
4-bit input
When the serial interface function is used, the alternate-function
Also used for the INT4, SCK,
pins function as output ports depending on the operation mode.
SO/SB0, SI/SB1 pins.
PORT1
4-bit input only port.
Also used for the INT0 to
INT2/TI1, TI0 pins.
PORT2
4-bit input/output Can be set to input mode or output mode in 4-bit units.
Also used for the PTO0,
PTO1, PCL, BUZ pins.
PORT3
Can be set to input mode or output mode in 1-bit units.
–
PORT4
4-bit input/output
Can be set to input mode or output
Ports 4 and 5 are paired
PORT5
(N-ch open drain,
mode in 4-bit units. On-chip pull-up
and data can be input/
13 V withstand
resistor can be specified in 1-bit
output in 8-bit units.
voltage)
units by mask option.
PORT6
4-bit input/output Can be set to input mode or output mode in 1-bit units.
Also used for the KR0 to
KR3, AN4 to AN7 pins.
PORT11
4-bit input
4-bit input only port.
Also used for the AN0 to
AN3 pins.
6.2 Clock Generator
The clock generator generates clocks which are supplied to the peripheral hardware in the CPU. Figure 6-1
shows the configuration of the clock generator.
Operation of the clock generator is determined by the processor clock control register (PCC) and system clock
control register (SCC).
Two types of system clocks are available; main system clock and subsystem clock.
The instruction execution time can be changed.
• 0.95
µs, 1.91 µs, 3.81 µs, 15.3 µs (@ 4.19-MHz operation with main system clock)
• 0.67
µs, 1.33 µs, 2.67 µs, 10.7 µs (@ 6.0-MHz operation with main system clock)
• 122
µs (@ 32.768-kHz operation with subsystem clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com