Electronic Components Datasheet Search
  English  ▼

X  

UPD750064CU Datasheet(PDF) 50 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 50 Page - NEC

Back Button UPD750064CU Datasheet HTML 46Page - NEC UPD750064CU Datasheet HTML 47Page - NEC UPD750064CU Datasheet HTML 48Page - NEC UPD750064CU Datasheet HTML 49Page - NEC UPD750064CU Datasheet HTML 50Page - NEC UPD750064CU Datasheet HTML 51Page - NEC UPD750064CU Datasheet HTML 52Page - NEC UPD750064CU Datasheet HTML 53Page - NEC UPD750064CU Datasheet HTML 54Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
50
Data Sheet U10165EJ2V0DS00
Instruction
Number
Number
Addressing
Mnemonic
Operand
of Machine
Operation
Skip Condition
Group
of Bytes
Cycles
Area
Branch
BR
PCDE
2
3
µPD750064
PC11–0
← PC11-8+DE
µPD750066, 750068
PC12–0
← PC12-8+DE
PCXA
2
3
µPD750064
PC11–0
← PC11-8+XA
µPD750066, 750068
PC12–0
← PC12-8+XA
BCDE
2
3
µPD750064
*6
PC11–0
← BCDENote 1
µPD750066, 750068
PC12–0
← BCDENote 2
BCXA
2
3
µPD750064
*6
PC11–0
← BCXANote 1
µPD750066, 750068
PC12–0
← BCXANote 2
BRANote 3
33
µPD750064
*11
PC11–0
← addr1
µPD750066, 750068
PC12–0
← addr1
BRCB
!caddr
2
2
µPD750064
*8
PC11–0
← caddr11–0
µPD750066, 750068
PC12–0
← PC12+caddr11–0
Subroutine
CALLANote 3
!addr1
3
3
µPD750064
*11
stack control
(SP–2)
← ×, ×, MBE, RBE
(SP–6) (SP–3) (SP–4)
← PC11–0
(SP–5)
← 0, 0, 0, 0
PC11–0
← addr1, SP ← SP–6
µPD750066, 750068
(SP–2)
← ×, ×, MBE, RBE
(SP–6) (SP–3) (SP–4)
← PC11–0
(SP–5)
← 0, 0, 0, PC12
PC12–0
← addr1, SP ← SP–6
Notes 1.
“0” must be set to B register.
2.
Only low-order one bit is valid in B register.
3.
The operations indicated with thick lines can be performed only in the Mk II mode. The other operations
can be performed only in the Mk I mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com