Electronic Components Datasheet Search
  English  ▼

X  

UPD750064CU Datasheet(PDF) 57 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 57 Page - NEC

Back Button UPD750064CU Datasheet HTML 53Page - NEC UPD750064CU Datasheet HTML 54Page - NEC UPD750064CU Datasheet HTML 55Page - NEC UPD750064CU Datasheet HTML 56Page - NEC UPD750064CU Datasheet HTML 57Page - NEC UPD750064CU Datasheet HTML 58Page - NEC UPD750064CU Datasheet HTML 59Page - NEC UPD750064CU Datasheet HTML 60Page - NEC UPD750064CU Datasheet HTML 61Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
57
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
XT1
XT2
Subsystem Clock Oscillator Characteristics (TA = –40 to +85˚C, VDD = 1.8 to 5.5 V)
Resonator
Recommended
Parameter
Conditions
MIN.
TYP.
MAX.
Unit
Constants
Crystal
Oscillation frequency
32
32.768
35
kHz
resonator
(fXT)Note 1
Oscillation
VDD = 4.5 to 5.5 V
1.0
2
s
stabilization timeNote 2
10
External
XT1 input frequency
32
100
kHz
clock
(fXT)Note 1
XT1 input high-/
5
15
µs
low-level width
(tXTH, tXTL)
Notes 1.
The oscillation frequency and XT1 input frequency shown above indicate only oscillator characteristics.
Refer to AC Characteristics for instruction execution time.
2.
The oscillation stabilization time is the time required to stabilize oscillation after VDD has been applied.
Caution When using the subsystem clock oscillator, wire as follows in the area enclosed by the broken
lines in the above figure to avoid an adverse effect from wiring capacitance.
•
Keep the wiring length as short as possible.
•
Do not cross the wiring with the other signal lines.
•
Do not route the wiring near a signal line through which a high fluctuating current flows.
•
Always make the ground point of the oscillator capacitor the same potential as VSS.
•
Do not ground the capacitor to a ground pattern through which a high current flows.
•
Do not fetch signals from the oscillator.
The subsystem clock oscillator is designed as a low-amplitude circuit for reducing current
consumption, and is more prone to malfunction due to noise than the main system clock
oscillator. Particular care is therefore required with the wiring method when the subsystem
clock is used.
XT1
XT2
C3
C4
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com