Electronic Components Datasheet Search
  English  ▼

X  

UPD750064CU Datasheet(PDF) 58 Page - NEC

Part # UPD750064CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750064CU Datasheet(HTML) 58 Page - NEC

Back Button UPD750064CU Datasheet HTML 54Page - NEC UPD750064CU Datasheet HTML 55Page - NEC UPD750064CU Datasheet HTML 56Page - NEC UPD750064CU Datasheet HTML 57Page - NEC UPD750064CU Datasheet HTML 58Page - NEC UPD750064CU Datasheet HTML 59Page - NEC UPD750064CU Datasheet HTML 60Page - NEC UPD750064CU Datasheet HTML 61Page - NEC UPD750064CU Datasheet HTML 62Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
58
Data Sheet U10165EJ2V0DS00
Recommended Oscillator Constant
Ceramic resonator (TA = –40 to +85˚C)
Oscillator
Oscillation
Manufacturer
Part Number
Frequency
Constant (pF)
Voltage Range
Remarks
(MHz)
(VDD)
C1
C2
MIN.
MAX.
Murata Mfg.
CSB1000JNote
1.0
100
100
2.0
5.5
Rd = 1 k
Ω
Co., Ltd.
CSA2.00MG040
2.0
100
100
2.3
–
CST2.00MG040
–
–
Capacitor-contained model
CSA4.19MG
4.19
30
30
1.9
–
CST4.19MGW
–
–
Capacitor-contained model
CSA4.19MGU
30
30
1.8
–
CST4.19MGWU
–
–
Capacitor-contained model
CSA6.00MG
6.0
30
30
3.0
–
CST6.00MGW
–
–
Capacitor-contained model
CSA6.00MGU
30
30
2.4
–
CST6.00MGWU
–
–
Capacitor-contained model
Kyocera Corp.
KBR-1000F/Y
1.0
100
100
1.8
5.5
–
KBR-2.0MS
2.0
68
68
1.95
KBR-4.19MSA
4.19
33
33
1.8
KBR-6.0MSA
6.0
33
33
TDK
CCR1000K2
1.0
100
100
1.8
5.5
–
CCR2.0MC33
2.0
–
–
2.0
Capacitor-contained model
CCR4.19MC3
4.19
FCR4.19MC5
2.2
CCR6.0MC3
6.0
2.0
FCR6.0MC5
2.2
Note
When using the CSB1000J (1.0 MHz) by Murata Mfg. Co., Ltd. as a ceramic resonator, a limiting resistor
(Rd = 1 k
Ω) is necessary (refer to the figure below). The limiting resistor is not necessary when using the
other recommended resonators.
Caution The oscillator constants and oscillation voltage range indicate conditions for stable oscillation
but do not guarantee precision of the oscillation frequency. If the application circuit requires
precision of the oscillation frequency, it is necessary to set the oscillation frequency of the
resonator in the application circuit. For this, it is necessary to directly contact the manufacturer
of the resonator being used.
X1
X2
C1
C2
Rd
CSB1000J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com