Electronic Components Datasheet Search
  English  ▼

X  

LT1910 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1910
Description  Protected High Side MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1910 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1910 Datasheet HTML 3Page - Linear Technology LT1910 Datasheet HTML 4Page - Linear Technology LT1910 Datasheet HTML 5Page - Linear Technology LT1910 Datasheet HTML 6Page - Linear Technology LT1910 Datasheet HTML 7Page - Linear Technology LT1910 Datasheet HTML 8Page - Linear Technology LT1910 Datasheet HTML 9Page - Linear Technology LT1910 Datasheet HTML 10Page - Linear Technology LT1910 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LT1910
7
1910fb
For more information www.linear.com/LT1910
operaTion
also activates the open-collector NPN to pull the FAULT
pin LOW, indicating an overcurrent condition.
When the MOSFET gate voltage is discharged to less than
1.4V, the TIMER pin is released. The 14µA current source
then slowly charges the timing capacitor back to 2.9V
where the charge pump again starts to drive the GATE pin
HIGH. If a fault condition still exists, the sense comparator
threshold will again be exceeded and the timer cycle will
repeat until the fault is removed. The FAULT pin becomes
inactive HIGH if the TIMER pin charges up successfully
above 3.4V (see Figure 1).
3.4V
1910 F01
0V
GATE
TIMER
FAULT
IN
OVERCURRENT
NORMAL
NORMAL
OFF
0V
0V
0V
5V
3.5V
2.9V
V+
12V
Figure 1. Timing Diagram
applicaTions inFormaTion
Input/Supply Sequencing
There are no input/supply sequencing requirements for
the LT1910. The IN pin may be taken up to 15V with the
supply at 0V. When the supply is turned on with the IN pin
set HIGH, the MOSFET turn-on will be inhibited until the
timing capacitor charges up to 2.9V (i.e., for one restart
cycle).
Isolating the Inputs
Operation in harsh environments may require isolation to
prevent ground transients from damaging control logic.
TheLT1910easilyinterfacestolowcostoptoisolators.The
network shown in Figure 2 ensures that the input will be
pulled above 2V, but not exceed the absolute maximum
rating for supply voltages of 12V to 48V over the entire
temperature range. The optoisolator must have less than
20µA of dark current (leakage) at hot in order to maintain
the off state (see Figure 2).
Drain-Sense Configuration
The LT1910 uses supply referenced current sensing. One
input of the current-sense comparator is connected to a
drain-sense pin, while the second input is offset 65mV
below the supply inside the device. For this reason, Pin 8
of the LT1910 must be treated not only as a supply pin,
but also as the reference input for the current-sense
comparator.
Figure 3 shows the proper drain-sense configuration for
the LT1910. Note that the SENSE pin goes to the drain
end of the sense resistor, while the V+ pin is connected
IN
51k
100k
2k
LOGIC
INPUT
12V TO 48V
LT1910
GND
POWER GROUND
LOGIC GROUND
1 1910 F02
4
FAULT
IN
TIMER
V+
SENSE
GATE
3
4
2
8
6
5
LT1910
R1
5.1k
24V
5V
FAULT OUTPUT
INPUT
0V
GND
Q1
IRFZ34
24V
2A
SOLENOID
1910 F03
C1
100µF
50V
CT
1µF
1
RS
0.02
(PTC)
+
Figure 2. Isolating the Input
Figure 3. Drain-Sense Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com