Electronic Components Datasheet Search
  English  ▼

X  

LT1910 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1910
Description  Protected High Side MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1910 Datasheet(HTML) 1 Page - Linear Technology

  LT1910 Datasheet HTML 1Page - Linear Technology LT1910 Datasheet HTML 2Page - Linear Technology LT1910 Datasheet HTML 3Page - Linear Technology LT1910 Datasheet HTML 4Page - Linear Technology LT1910 Datasheet HTML 5Page - Linear Technology LT1910 Datasheet HTML 6Page - Linear Technology LT1910 Datasheet HTML 7Page - Linear Technology LT1910 Datasheet HTML 8Page - Linear Technology LT1910 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LT1910
1
1910fb
For more information www.linear.com/LT1910
Typical applicaTion
DescripTion
Protected High Side
MOSFET Driver
The LT®1910 is a high side gate driver that allows the use of
lowcostN-channelpowerMOSFETsforhighsideswitching
applications.Itcontainsacompletelyself-containedcharge
pump to fully enhance an N-channel MOSFET switch with
no external components.
When the internal drain comparator senses that the switch
current has exceeded the preset level, the switch is turned
off and a fault flag is asserted. The switch remains off for
a period of time set by an external timing capacitor and
then automatically attempts to restart. If the fault still
exists, this cycle repeats until the fault is removed, thus
protecting the MOSFET. The fault flag becomes inactive
once the switch restarts successfully.
The LT1910 has been specifically designed for harsh
operating environments such as industrial, avionics and
automotiveapplicationswherepoorsupplyregulationand/
or transients may be present. The device will not sustain
damage from supply transients of –15V to 60V.
The LT1910 is available in the SO-8 package.
Fault Protected High Side Switch
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
PowerPath and ThinSOT are trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners.
FeaTures
applicaTions
n
8V to 48V Power Supply Range
n
Protected from –15V to 60V Supply Transients
n
Short-Circuit Protected
n
Automatic Restart Timer
n
Open-Collector Fault Flag
n
Fully Enhances N-Channel MOSFET Switches
n
Programmable Current Limit, Delay Time and
Autorestart Period
n
Voltage Limited Gate Drive
n
Defaults to Off State with Open Input
n
Available in SO-8 Package
n
Industrial Control
n
Avionics Systems
n
Automotive Switches
n
Stepper Motor and DC Motor Control
n
Electronic Circuit Breaker
Switch Drop vs Load Current
FAULT
IN
TIMER
V+
SENSE
GATE
LT1910
5.1k
24V
5V
FAULT OUTPUT
OFF ON
GND
IRFZ34
1910 TA01
10µF
50V
0.1µF
0.01
LOAD
+
LOAD CURRENT (A)
0
0.30
0.40
0.50
4
1910 TA02
0.20
0.10
0.25
0.35
0.45
0.15
0.05
0
1
2
3
5


Similar Part No. - LT1910

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
Protected High Side MOSFET Driver
LT1910 LINER-LT1910 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
logo
Analog Devices
LT1910 AD-LT1910 Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
03/20-REV.E
LT1910 AD-LT1910 Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
Rev. 0
logo
Linear Technology
LT1910ES8 LINER-LT1910ES8 Datasheet
178Kb / 12P
Protected High Side MOSFET Driver
More results

Similar Description - LT1910

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Micrel Semiconductor
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
Protected High- or Low-Side MOSFET Driver
logo
Linear Technology
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
Protected High Side MOSFET Driver
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
Micrel Semiconductor
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
Protected High- or Low-Side MOSFET Driver
logo
Linear Technology
LT1161 LINER-LT1161_15 Datasheet
196Kb / 12P
Quad Protected High-Side MOSFET Driver
logo
ON Semiconductor
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8445 ONSEMI-NCV8445_17 Datasheet
118Kb / 16P
Self Protected High Side Driver
February, 2017 ??Rev. 3
NCV8460A ONSEMI-NCV8460A_16 Datasheet
119Kb / 16P
Self Protected High Side Driver
March, 2016 ??Rev. 6
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
Self Protected High Side Driver
January, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com