Electronic Components Datasheet Search
  English  ▼

X  

LT1910 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1910
Description  Protected High Side MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1910 Datasheet(HTML) 4 Page - Linear Technology

  LT1910 Datasheet HTML 1Page - Linear Technology LT1910 Datasheet HTML 2Page - Linear Technology LT1910 Datasheet HTML 3Page - Linear Technology LT1910 Datasheet HTML 4Page - Linear Technology LT1910 Datasheet HTML 5Page - Linear Technology LT1910 Datasheet HTML 6Page - Linear Technology LT1910 Datasheet HTML 7Page - Linear Technology LT1910 Datasheet HTML 8Page - Linear Technology LT1910 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LT1910
4
1910fb
For more information www.linear.com/LT1910
Typical perFormance characTerisTics
Timer Charge Current
vs Tempeature
Drain Sense Threshold Voltage
vs Temperature
MOSFET Gate Voltage Above V+
(VGATE – V+) vs Supply Voltage
MOSFET Gate Drive Current
vs VGATE – V+
Fault Threshold Voltage
vs Temperature
Fault Output Low Voltage
vs Temperature
Input Current vs Temperature
Timer Threshold Voltage
vs Temperature
Timer Clamp Voltage
vs Temperature
TEMPERATURE (°C)
–50
0
40
80
120
–25
0
25
50
1910 G04
75
160
200
20
60
100
140
180
125
100
VIN = 5V
VIN = 2V
TEMPERATURE (°C)
–50
2.7
2.8
2.9
3.0
3.2
–25
0
25
50
1910 G05
75
125
100
3.1
2.6
VIN = 2V
TEMPERATURE (°C)
–50
3.3
3.4
3.5
3.6
3.8
–25
0
25
50
1910 G06
75
125
100
3.7
3.2
VIN ≤ 0.8V
TEMPERATURE (°C)
–50
10
12
14
16
20
–25
0
25
50
1910 G07
75
125
100
18
8
VIN = VT = 2V
TEMPERATURE (°C)
–50
40
50
60
70
65
–25
0
25
50
1910 G08
75
80
90
45
55
75
85
125
100
V+ = 24V
SUPPLY VOLTAGE (V)
0
16
14
12
10
8
6
4
2
0
40
LTC1266 • F04
10
20
30
50
35
5
15
25
45
TA = 125°C
TA = –40°C
TA = 25°C
VGATE – V+ (V)
0
2
4
1
10
100
6
8
10
12
14
16
1910 G10
0.1
V+ = 8V
V+ = 12V V+ ≥ 24V
TA = 25°C
TEMPERATURE (
°C)
–50
0
0.04
0.08
0.12
0.10
–25
0
25
50
1910 G012
75
0.16
0.20
0.02
0.06
0.14
0.18
125
100
IF = 1mA
TEMPERATURE (°C)
–50
3.2
3.3
3.4
3.5
3.7
–25
0
25
50
1910 G11
75
125
100
3.6
3.0
3.1
VIN = 2V
IF = 1mA
FAULT HIGH THRESHOLD
FAULT LOW THRESHOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com