Electronic Components Datasheet Search
  English  ▼

X  

LT1910 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1910
Description  Protected High Side MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1910 Datasheet(HTML) 5 Page - Linear Technology

  LT1910 Datasheet HTML 1Page - Linear Technology LT1910 Datasheet HTML 2Page - Linear Technology LT1910 Datasheet HTML 3Page - Linear Technology LT1910 Datasheet HTML 4Page - Linear Technology LT1910 Datasheet HTML 5Page - Linear Technology LT1910 Datasheet HTML 6Page - Linear Technology LT1910 Datasheet HTML 7Page - Linear Technology LT1910 Datasheet HTML 8Page - Linear Technology LT1910 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LT1910
5
1910fb
For more information www.linear.com/LT1910
Typical perFormance characTerisTics
Turn-On Time vs Temperature
Turn-Off Time vs Temperature
Automatic Restart Period
vs Temperature
TEMPERATURE (
°C)
–50
150
200
250
300
400
–25
0
25
50
1910 G13
75
125
100
350
100
V+ = 24V
VGATE = 32V
CGATE = 1nF
TEMPERATURE (
°C)
–50
0
20
40
60
50
–25
0
25
50
1910 G014
75
80
100
10
30
70
90
125
100
V+ = 24V
VGATE = 2V
CGATE = 1nF
NORMAL
CURRENT LIMIT
TEMPERATURE (°C)
–30
10
100
1000
–10 10 30 50
90
70
1910 G15
–50
130
110
V+ = 24V
CT = 3.3µF
CT = 0.33µF
CT = 0.1µF
CT = 1µF
pin FuncTions
GND (Pin 1): Common Ground.
TIMER (Pin 2): A timing capacitor, CT, from the TIMER
pin to ground sets the restart time following overcurrent
detection. Upon detection of an overcurrent condition, CT
is rapidly discharged to less than 1V and then recharged
by a 14µA nominal current source back to the 2.9V timer
threshold, whereupon the restart is attempted. Whenever
TIMER pulls below 2.9V, the GATE pin pulls low to turn off
theexternalswitch.Thiscyclerepeatsuntiltheovercurrent
condition goes away and the switch restarts successfully.
During normal operation the pin clamps at 3.5V nominal.
FAULT (Pin 3): The FAULT pin monitors the TIMER pin
voltageandindicatestheovercurrentcondition.Whenever
the TIMER pin is pulled below 3.3V at the onset of a cur-
rent limit condition, the FAULT pin pulls active LOW. The
FAULT pin resets HIGH immediately when the TIMER pin
ramps above 3.4V during autorestart. The FAULT pin is an
open-collector output, thus requiring an external pull-up
resistor and is intended for logic interface. The resistor
should be selected with a maximum of 1mA pull-up at
low status.
IN (Pin 4): The IN pin threshold is TTL/CMOS compatible
and has approximately 200mV of hysteresis. When the
IN pin is pulled active HIGH above 2V, an internal charge
pump is activated to pull up the GATE pin. The IN pin can
be pulled as high as 15V regardless of whether the sup-
ply is on or off. If the IN pin is left open, an internal 75k
pull-down resistor pulls the pin below 0.8V to ensure that
the GATE pin is inactive LOW.
GATE (Pin 5): The GATE pin drives the power MOSFET
gate. When the IN pin is greater than 2V, the GATE pin is
pumped approximately 12V above the supply. It has rela-
tively high impedance (the equivalence of a few hundred
kΩ) when pumped above the rail. Care should be taken
to minimize any loading by parasitic resistance to ground
or supply. The GATE pin pulls LOW when the TIMER pin
falls below 2.9V.
SENSE (Pin 6): The SENSE pin connects to the input of
a supply-referenced comparator with a 65mV nominal
offset. When the SENSE pin is taken more than 65mV
below supply, the MOSFET gate is driven LOW and the
timing capacitor is discharged. The SENSE pin threshold
hasa0.33%/°Ctemperaturecoefficient(TC),whichclosely
matches the TC of the drain-sense resistor formed from
the copper trace of the PCB.
For loads requiring high inrush current, an RC timing delay
can be added between the drain-sense resistor and the
SENSE pin to ensure that the current-sense comparator
does not false trigger during start-up (see Applications
Information).Amaximumof10kΩcanbeinsertedbetween



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com