Electronic Components Datasheet Search
  English  ▼

X  

LT1097 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1097
Description  Low Cost, Low Power Precision Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1097 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1097 Datasheet HTML 4Page - Linear Technology LT1097 Datasheet HTML 5Page - Linear Technology LT1097 Datasheet HTML 6Page - Linear Technology LT1097 Datasheet HTML 7Page - Linear Technology LT1097 Datasheet HTML 8Page - Linear Technology LT1097 Datasheet HTML 9Page - Linear Technology LT1097 Datasheet HTML 10Page - Linear Technology LT1097 Datasheet HTML 11Page - Linear Technology LT1097 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1097
15V
–15V
OUT
LT1097•F01
4
3
2
7
6
50k
50k
50k
50k
+IN
–IN
+
–
LT1097
V–
OUT
V+
LT1097•F02
4
5
CS
1
3
2
10k
POT
8
7
6
+
–
LT1097
Frequency Compensation and Optional Offset Nulling
±27V Common Mode Range Difference Amplifier
APPLICATIONS INFORMATION
Guaranteed Perfomance, VS = ±15V, TA = 25°C
PARAMETER
LT1097CN8
OP-77GP
AD707JN
OP-177GP
OP-97FP
UNITS
Error Terms
VOS Max
50
100
90
60
75
µV
IOS Max•25k
6
70
50
70
4
µV
Gain Min, 10V Out
14
5
3
5
50
µV
CMRR, Min,
±25V In
22
20
13
22
39
µV
PSRR, Min, VS = ±15V ±10%
69999
µV
Sum of All Error Terms
98
204
165
166
177
µV
0.1Hz to 10Hz Noise
Voltage Noise
0.5
0.38
0.23
0.38
0.5
µVp-p Typ
Current Noise•50k
0.11
0.75
0.7
0.75
0.1
µVp-p Typ
Resistor Noise
0.55
0.55
0.55
0.55
0.55
µVp-p Typ
RMS sum
0.75
1
0.92
1
0.75
µVp-p
Drift with Temp
TCVOS Max
1
1.2
1
1.2
2
µV/°C
TCIOS Max•25k
0.1
2.1
1
2.1
0.2
µV/°C
Sum of Drift Terms
1.1
3.3
2
3.3
2.2
µV/°C
Supply Current Max
0.56
2
3
2
0.6
mA
The LT1097 is pin compatible to and directly replaces such
precision op amps as the OP-07, OP-77, AD707, OP-97, OP-
177, LM607 and LT1001 with improved price/performance.
Compatibility includes externally nulling the offset voltage, as
all of the above devices are trimmed with a potentiometer
between Pin 1 and Pin 8 and the wiper tied to V+.
The simple difference amplifier can be used to illustrate
the all-around excellence of the LT1097. The 50k input
resistance is selected to be large enough compared to
input signal source resistance. Simultaneously, the 50k
resistors should not dominate the precision and noise
error budget. Assuming perfect matching between the
four resistors, the following table summarizes the input
referred performance obtained using the LT1097 and
other popular, low cost precision op amps.
Input offset voltage can be adjusted over a
±600µV range
with a 10k potentiometer.
The LT1097 is internally compensated for unity gain
stability. As shown on the Capacitive Load Handling plot,
the LT1097 is stable with any capacitive load. However,
the overcompensation capacitor, CS, can be used to re-
duce overshoot with heavy capacitive loads, to narrow
noise bandwidth or to stabilize circuits with gain in the
feedback loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com