Electronic Components Datasheet Search
  English  ▼

X  

LT1097 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1097
Description  Low Cost, Low Power Precision Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1097 Datasheet(HTML) 4 Page - Linear Technology

  LT1097 Datasheet HTML 1Page - Linear Technology LT1097 Datasheet HTML 2Page - Linear Technology LT1097 Datasheet HTML 3Page - Linear Technology LT1097 Datasheet HTML 4Page - Linear Technology LT1097 Datasheet HTML 5Page - Linear Technology LT1097 Datasheet HTML 6Page - Linear Technology LT1097 Datasheet HTML 7Page - Linear Technology LT1097 Datasheet HTML 8Page - Linear Technology LT1097 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1097
TYPICAL PERFORMANCE CHARACTERISTICS
Distribution to Offset Voltage Drift
with Temperature
Input Bias Current vs Temperature
Minimum Supply Voltage,
Common Mode Range and
Voltage Swing at VMIN
Warm-Up Drift
Input Bias Current Over Common
Mode Range
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (
µV/°C)
–1.5 –1.2 –0.9 –0.6 –0.3 0
0.3 0.6 0.9 1.2 1.5
LT1097 • G02
50
40
30
20
10
0
VS = ±15V
240 UNITS TESTED
IN N8 PACKAGES
FROM SIX RUNS
TIME AFTER POWER ON (MINUTES)
012345
1097 • G05
5
4
3
2
1
0
VS = ±15V
TA = 25°C
PLASTIC-IN-LINE PACKAGE
PLASTIC (N) OR SO (S)
TEMPERATURE (
°C)
–50
0
50
–25
25
75
100
1097 • G03
200
100
0
–100
–200
–300
UNDERCANCELLED UNIT
OVERCANCELLED UNIT
TEMPERATURE (
°C)
–40
–10
20
50
80
110
1097 • G04
V+
V+ –0.2
V+ –0.4
V+ –0.6
V+ –0.8
V– +0.8
V– +0.6
V– +0.4
V– +0.2
V–
±1.4
±1.2
±1.0
±0.8
CM RANGE
CM RANGE
SWING
RL = 10k
SWING
COMMON MODE INPUT VOLTAGE
–15
–5
5
–10
0
10
15
1097 • G06
120
80
40
0
–40
–80
–120
VS = ±15V
TA = 25°C
RIN CM = 10
12Ω
DEVICE WITH POSITIVE INPUT CURRENT
DEVICE WITH NEGATIVE INPUT CURRENT
VCM
IB
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com