Electronic Components Datasheet Search
  English  ▼

X  

LT1097 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1097
Description  Low Cost, Low Power Precision Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1097 Datasheet(HTML) 3 Page - Linear Technology

  LT1097 Datasheet HTML 1Page - Linear Technology LT1097 Datasheet HTML 2Page - Linear Technology LT1097 Datasheet HTML 3Page - Linear Technology LT1097 Datasheet HTML 4Page - Linear Technology LT1097 Datasheet HTML 5Page - Linear Technology LT1097 Datasheet HTML 6Page - Linear Technology LT1097 Datasheet HTML 7Page - Linear Technology LT1097 Datasheet HTML 8Page - Linear Technology LT1097 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1097
ELECTRICAL CHARACTERISTICS VS = ±15V, VCM = 0V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.
LT1097CN8
LT1097S8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
20
100
20
130
µV
Average Temperature Coefficient of (Note 4)
q
0.2
1
0.2
1.4
µV/°C
Input Offset Voltage
IOS
Input Offset Current
q
60
430
75
570
pA
Average Temperature Coefficient of (Note 4)
q
0.4
4
0.5
5
pA/
°C
Input Offset Current
IB
Input Bias Current
q
±60
±430
±75
±570
pA
Average Temperature Coefficient of (Note 4)
q
0.4
4
0.5
5
pA/
°C
Input Bias Current
AVOL
Large Signal Voltage Gain
VOUT = ±12V, RL ≥ 10k
q
450
2000
450
2000
V/mV
VOUT = ±10V, RL ≥ 2k
q
180
800
180
800
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
q
112
128
112
128
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.3V to ±20V
q
111
128
111
128
dB
Input Voltage Range
q
±13.5
±14.2
±13.5
±14.2
V
VOUT
Output Voltage Swing
RL = 10k
q
±13
±13.7
±13
±13.7
V
IS
Supply Current
q
380
700
380
700
µA
ELECTRICAL CHARACTERISTICS VS = ±15V, VCM = 0V, –40°C ≤ TA ≤ 85°C, unless otherwise noted. (Note 5)
LT1097CN8
LT1097S8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
25
130
30
170
µV
Average Temperature Coefficient of
q
0.3
1.2
0.3
1.6
µV/°C
Input Offset Voltage
IOS
Input Offset Current
q
70
600
85
750
pA
Average Temperature Coefficient of
q
0.5
5
0.6
6
pA/
°C
Input Offset Current
IB
Input Bias Current
q
±70
±600
±85
±750
pA
Average Temperature Coefficient of
q
0.5
5
0.6
6
pA/
°C
Input Bias Current
AVOL
Large Signal Voltage Gain
VOUT = ±12V, RL ≥ 10k
q
300
1700
300
1700
V/mV
VOUT = ±10V, RL ≥ 2k
q
700
700
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13.5V
q
108
127
108
127
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±20V
q
108
127
108
127
dB
Input Voltage Range
q
±13.5
±14
±13.5
±14
V
VOUT
Output Voltage Swing
RL = 10k
q
±13
±13.6
±13
±13.6
V
IS
Supply Current
q
400
800
400
800
µA
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Differential input voltages greater than 1V will cause excessive
current to flow through the input protection diodes unless limiting
resistance is used.
Note 2: This parameter is guaranteed by design and is not tested.
Note 3: Power supply rejection ratio is measured at the minimum supply
voltage.
Note 4: This parameter is not 100% tested.
Note 5: The LT1097 is designed, characterized and expected to meet these
extended temperature limits, but is not tested at –40
°C and 85°C.
Guaranteed I grade parts are available; consult factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com