Electronic Components Datasheet Search
  English  ▼

X  

LT1097 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1097
Description  Low Cost, Low Power Precision Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1097 Datasheet(HTML) 1 Page - Linear Technology

  LT1097 Datasheet HTML 1Page - Linear Technology LT1097 Datasheet HTML 2Page - Linear Technology LT1097 Datasheet HTML 3Page - Linear Technology LT1097 Datasheet HTML 4Page - Linear Technology LT1097 Datasheet HTML 5Page - Linear Technology LT1097 Datasheet HTML 6Page - Linear Technology LT1097 Datasheet HTML 7Page - Linear Technology LT1097 Datasheet HTML 8Page - Linear Technology LT1097 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1097
Low Cost, Low Power
Precision Op Amp
FEATURES
DESCRIPTION
s
Offset Voltage
50
µV Max
s
Offset Voltage Drift
1
µV/°C Max
s
Bias Current
250pA Max
s
Offset Current
250pA Max
s
Bias and Offset Current Drift
4pA/
°C Max
s
Supply Current
560
µA Max
s
0.1Hz to 10Hz Noise
0.5
µVp-p, 2.2pAp-p
s
CMRR
115dB Min
s
Voltage Gain
117dB Min
s
PSRR
114dB Min
s
Guaranteed Operation on Two NiCad Batteries
APPLICATIONS
s
Replaces OP-07/OP-77/OP-97/OP-177/AD707/
LT1001 with Improved Price/Performance
s
High Impedance Difference Amplifiers
s
Logarithmic Amplifiers (Wide Dynamic Range)
s
Thermocouple Amplifiers
s
Precision Instrumentation
s
Active Filters (with Small Capacitors)
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.
LT
®1097 achieves a new standard in combining low price
and outstanding precision performance.
On all operational amplifier data sheets, the specifications
listed on the front page are for highly selected, expensive
grades, while the specs for the low cost grades are buried
deep in the data sheet.
The LT1097 does not have any selected grades, the
outstanding specifications shown in the Features section
are for its only grade.
The design effort of the LT1097 concentrated on optimiz-
ing the performance of all precision specs—at only 350
µA
of supply current. Typical values are 10
µV offset voltage,
40pA bias and offset currents, 0.2
µV/°C and 0.4pA/°C
drift. Common mode and power supply rejections, voltage
gain are typically in excess of 128dB.
All parameters that are important for precision, low power
op amps have been optimized. Consequently, using the
LT1097 error budget calculations in most applications is
unnecessary.
+
9V
OUT = 1.1V TO 8.0V
AS 1.8k
≤ R2 ≤ 135k
LT1097•TA01
4
2
3
7
6
R1
20k
R2
1.018235V
2N3609
SATURATED
STANDARD
CELL #101
EPPLEY LABS
NEWPORT, R. I.
THE TYPICAL 40pA BIAS CURRENT OF THE LT1097
WILL DEGRADE THE STANDARD CELL BY ONLY
1ppm/YEAR. NOISE IS A FRACTION OF A ppm.
UNPROTECTED GATE MOSFET ISOLATES
STANDARD CELL ON POWER DOWN.
–
+
LT1097
INPUT OFFSET VOLTAGE (
µV)
–50 –40 –30 –20 –10 0
10 20 30 40 50
LT1097 • G01
50
40
30
20
10
0
VS = ±15V
TA = 25°C
6,500 UNITS IN SO PACKAGE
6,680 UNITS IN
PLASTIC
DIP
13,180 UNITS
TESTED
Input Offset Voltage Distribution
Saturated Standard Cell Amplifier


Similar Part No. - LT1097

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1097 LINER-LT1097 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1097 LINER-LT1097 Datasheet
199Kb / 12P
Low Cost, Low Power Precision Op Amp
LT1097 LINER-LT1097_15 Datasheet
199Kb / 12P
Low Cost, Low Power Precision Op Amp
More results

Similar Description - LT1097

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD642 AD-AD642 Datasheet
395Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV.0
AD818 AD-AD818 Datasheet
353Kb / 12P
Low Cost, Low Power Video Op Amp
AD517 AD-AD517 Datasheet
312Kb / 6P
Low Cost, Laser Trimmed, Precision IC Op Amp
REV. A
AD818 AD-AD818_03 Datasheet
924Kb / 16P
Low Cost, Low Power Video Op Amp
REV. C
AD818 AD-AD818_10 Datasheet
563Kb / 15P
Low Cost, Low Power Video Op Amp
REV. D
AD711SH AD-AD711SH Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642_15 Datasheet
399Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD818 AD-AD818_15 Datasheet
563Kb / 15P
Low Cost, Low Power Video Op Amp
REV. D
logo
Linear Technology
LT1097 LINER-LT1097_15 Datasheet
199Kb / 12P
Low Cost, Low Power Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com