Electronic Components Datasheet Search
  English  ▼

X  

UPD75206 Datasheet(PDF) 39 Page - NEC

Part # UPD75206
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75206 Datasheet(HTML) 39 Page - NEC

Back Button UPD75206 Datasheet HTML 35Page - NEC UPD75206 Datasheet HTML 36Page - NEC UPD75206 Datasheet HTML 37Page - NEC UPD75206 Datasheet HTML 38Page - NEC UPD75206 Datasheet HTML 39Page - NEC UPD75206 Datasheet HTML 40Page - NEC UPD75206 Datasheet HTML 41Page - NEC UPD75206 Datasheet HTML 42Page - NEC UPD75206 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
39
µPD75206
*1. Calculation of total loss
Design so that the sum of the following three power consumption values for the
µPD75206CW/GF will be less
than the total loss PT (It is recommended to use the system with 80 % or less of the rating).
Œ CPU loss
: Given as VDD (MAX.)
× IDD1 (MAX.)
 Output pin loss
: There are normal output pin loss and display output pin loss. It is necessary
to add a loss derived from the flow of maximum current to each output pin.
Ž Pull-down register loss : Power loss due to a pull-down resistor incorporated in the display output pin
by mask option.
Example
Suppose 4-LED output with 9SEG
× 11DIGIT, VDD = 5 V + 10 % and 4.19 MHz oscillation and let a maximum
of 3 mA, 15 mA and 10 mA flow to the segment pin, timing pin and LED output pin, respectively.
Further, let the voltage of fluorescent display tube (VLOAD voltage) be –30 V and normal voltage be small.
Œ
CPU loss : 5.5 V
× 9.0 mA = 49.5 mW

Pin loss
: Segment pin ..... 2V
× 3 mA × 9 = 54 mW
Timing pin ......... 2V
× 15 mA = 30 mW
LED output ........
Ž
Pull-down resistor loss ........
PT = Œ +  + Ž = 690.6 mW
In this example, since the allowable total loss is 600 mW for the shrink DIP package, it is necessary to
decrease power consumption by decreasing the number of on-chip pull-down resistors. In this example,
power consumption can be adjusted to 528.3 mW by incorporating pull-down resistors in only 11 digit
outputs and 7 segment outputs and externally mounting pull-down resistors to the 2 remaining segment
outputs.
2. Except the system clock oscillator, display controller and timer/pulse generator.
3. The operating voltage range varies depending on the cycle time.
Refer to the section describing AC
characteristics.
× 2 V × 10 mA × 4 = 53 mW
10
15
(30 + 5.5V)2
25 k
Ω
× 10 = 504.1 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com