Electronic Components Datasheet Search
  English  ▼

X  

UPD75206 Datasheet(PDF) 1 Page - NEC

Part # UPD75206
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75206 Datasheet(HTML) 1 Page - NEC

  UPD75206 Datasheet HTML 1Page - NEC UPD75206 Datasheet HTML 2Page - NEC UPD75206 Datasheet HTML 3Page - NEC UPD75206 Datasheet HTML 4Page - NEC UPD75206 Datasheet HTML 5Page - NEC UPD75206 Datasheet HTML 6Page - NEC UPD75206 Datasheet HTML 7Page - NEC UPD75206 Datasheet HTML 8Page - NEC UPD75206 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
ORDERING INFORMATION
Ordering Code
Package
Quality Grade
µPD75206CW-×××
64-pin plastic shrink DIP (750 mil)
Standard
µPD75206GF-×××-3BE
64-pin plastic QFP (14
× 20 mm)
Standard
4-BIT SINGLE-CHIP MICROCOMPUTER
DESCRIPTION
The
µPD75206 is a microcomputer with a CPU capable of 1-, 4-, and 8-bit-wise data processing, a ROM, a RAM,
I/O ports, a fluorescent display tube controller/driver, a watch timer, a timer/pulse generator capable of outputting
14-bit PWM, a serial interface and a vectored interrupt function integrated on a single-chip.
It uses the VCR, ECR and CD fluorescent display tubes as display devices and is most suitable for applications
requiring the timer/watch function and high-speed interrupt servicing. It can help to provide the unit with many
functions and to decrease performance costs.
With the
µPD75206, the µPD75P216A, 75P218 one-time PROM products are available for system development
evaluation or small production.
Detailed functions, etc. are described in the following user's manual. Be sure to read the manual for designing.
µPD75216A User's Manual: IEM-988
FEATURES
µPD75206
MOS INTEGRATED CIRCUIT
DATA SHEET
The information in this document is subject to change without notice.
The mark 5 shows major revised points.
© NEC Corporation 1991
Document No. IC-1876A
(O. D. No. IC-6969C)
Date Published August 1993 P
Printed in Japan
5
• Architecture equal to that of an 8-bit microcomputer
• High-speed operation : Minimum instruction execution time : 0.95
µs (when operated at 4.19 MHz)
• Instruction execution time variable function realizing a wide range of operating voltages
• On-chip large-capacity program memory : 6K bytes
• Watch operation with an ultra low current consumption : 5
µA TYP. (at the 3 V operation)
• On-chip programmable fluorescent display tube controller/driver
• Timer function : 4 ch
• 14-bit PWM output capability with the voltage synthesizer type electronic tuner
• Buzzer output capability
• Interrupt function with importance attached to applications
• For power-off detection
• For remote controlled reception
• Product with an on-chip PROM :
µPD75P216A, µPD75P218 (on-chip EPROM : WQFN package)
5
Please refer to “Quality grade on NEC Semiconductor Devices” (Document number IEI-1209) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
5


Similar Part No. - UPD75206

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75206 RENESAS-UPD75206 Datasheet
566Kb / 64P
MOS INTEGRATED CIRCUIT
1991
UPD75206CW-XXX RENESAS-UPD75206CW-XXX Datasheet
566Kb / 64P
MOS INTEGRATED CIRCUIT
1991
UPD75206GF-XXX-3BE RENESAS-UPD75206GF-XXX-3BE Datasheet
566Kb / 64P
MOS INTEGRATED CIRCUIT
1991
More results

Similar Description - UPD75206

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
4 BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
S1C63632 EPSON-S1C63632 Datasheet
129Kb / 2P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com