Electronic Components Datasheet Search
  English  ▼

X  

UPD75206 Datasheet(PDF) 19 Page - NEC

Part # UPD75206
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75206 Datasheet(HTML) 19 Page - NEC

Back Button UPD75206 Datasheet HTML 15Page - NEC UPD75206 Datasheet HTML 16Page - NEC UPD75206 Datasheet HTML 17Page - NEC UPD75206 Datasheet HTML 18Page - NEC UPD75206 Datasheet HTML 19Page - NEC UPD75206 Datasheet HTML 20Page - NEC UPD75206 Datasheet HTML 21Page - NEC UPD75206 Datasheet HTML 22Page - NEC UPD75206 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
19
µPD75206
5.6
TIMER/PULSE GENERATOR
The
µPD75206 incorporates one channel of timer/pulse generator which can be used as a timer or a pulse
generator. The timer/pulse generator has the following functions.
(a)
Functions available in the timer mode
• 8-bit interval timer operation (IRQTPG generation) enabling the clock source to be varied at 5 levels
• Square wave output to PPO pin
(b) Functions available in the PWM pulse generate mode
• 14-bit accuracy PWM pulse output to the PPO pin (Used as a digital-to-analog converter and
applicable to tuning)
• Fixed time interval (
= 7.81 ms : at 4.19 MHz operation) interrupt generation
If pulse output is not necessary, the PPO pin can be used as a 1-bit output port.
Note
If the STOP mode is set while the timer/pulse generator is in operation, miss-operation may result.
To prevent that from occurring, preset the timer/pulse generator to the stop state using its mode
register.
Fig. 5-5 Block Diagram of Timer/Pulse Generator (Timer Mode)
fXX
215
8
8
MODL
MODH
TPGM3
8
8
1/2
fX
TPGM1
CP
TPGM4TPGM5 TPGM7
PPO
INTTPG
Internal Bus
Modulo Register L (8)
Modulo Register L (8)
Modulo Latch H (8)
Comparator (8)
Count Register (8)
Clear
Prescalar Select Latch (5)
Clear
Frequency
Divider
(Set to "1")
Set
T F/F
Selector
Output Buffer
IRQTPG
Set Signal
Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com