Electronic Components Datasheet Search
  English  ▼

X  

LT1528 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1528
Description  3A Low Dropout Regulator for Microprocessor Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1528 Datasheet(HTML) 3 Page - Linear Technology

  LT1528 Datasheet HTML 1Page - Linear Technology LT1528 Datasheet HTML 2Page - Linear Technology LT1528 Datasheet HTML 3Page - Linear Technology LT1528 Datasheet HTML 4Page - Linear Technology LT1528 Datasheet HTML 5Page - Linear Technology LT1528 Datasheet HTML 6Page - Linear Technology LT1528 Datasheet HTML 7Page - Linear Technology LT1528 Datasheet HTML 8Page - Linear Technology LT1528 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1528
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ground Pin Current (Note 5)
ILOAD = 0mA, TJ = 25°C
450
750
µA
ILOAD = 0mA, TJ = 125°C (Note 6)
1.9
mA
ILOAD = 100mA, TJ = 25°C
1.2
2.5
mA
ILOAD = 100mA, TJ = 125°C (Note 6)
2.7
mA
ILOAD = 300mA, TJ = 25°C
2.6
4.0
mA
ILOAD = 300mA, TJ = 125°C (Note 6)
4.1
mA
ILOAD = 700mA, TJ = 25°C
7.3
12.0
mA
ILOAD = 700mA, TJ = 125°C (Note 6)
8.8
mA
ILOAD = 1.5A
q
22
40
mA
ILOAD = 3A
q
85
140
mA
Sense Pin Current (Notes 3, 7)
TJ = 25°C
90
130
250
µA
Shutdown Threshold
VOUT = Off-to-On
q
1.20
2.80
V
VOUT = On-to-Off
q
0.25
0.75
V
Shutdown Pin Current (Note 8)
VSHDN = 0V
q
37
100
µA
Quiescent Current in Shutdown (Note 9)
VIN = 6V, VSHDN = 0V
q
110
220
µA
Ripple Rejection
VIN – VOUT = 1V(Avg), VRIPPLE = 0.5VP-P,50
67
dB
fRIPPLE = 120Hz, ILOAD = 1.5A
Current Limit
VIN – VOUT = 7V, TJ = 25°C
4.5
A
VIN = 4.3V, ∆VOUT = – 0.1V
q
3.2
4.0
A
Input Reverse Leakage Current
VIN = – 15V, VOUT = 0V
q
1.0
mA
Reverse Output Current (Note 10)
VOUT = 3.3V, VIN = 0V
120
250
µA
The q denotes specifications which apply over the full operating
temperature range.
Note 1: The Shutdown pin input voltage rating is required for a low
impedance source. Internal protection devices connected to the Shutdown
pin will turn on and clamp the pin to approximately 7V or – 0.6V. This
range allows the use of 5V logic devices to drive the pin directly. For high
impedance sources or logic running on supply voltages greater than 5.5V,
the maximum current driven into the Shutdown pin must be less than
5mA.
Note 2: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply for
all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current must be limited.
When operating at maximum output current, the input voltage range
must be limited.
Note 3: The LT1528 is tested and specified with the Sense pin connected
to the Output pin.
Note 4: Dropout voltage is the minimum input/output voltage required to
maintain regulation at the specified output current. In dropout the output
voltage will be equal to: (VIN – VDROPOUT).
Note 5: Ground pin current is tested with VIN = VOUT (nominal) and a
current source load. This means that the device is tested while operating in
its dropout region. This is the worst-case Ground pin current. The Ground
pin current will decrease slightly at higher input voltages.
Note 6: Ground pin current will rise at TJ > 75°C. This is due to internal
circuitry designed to compensate for leakage currents in the output
transistor at high temperatures. This allows quiescent current to be
minimized at lower temperatures, yet maintain output regulation at high
temperatures with light loads. See quiescent current curve in typical
performance characteristics section.
Note 7: Sense pin current flows into the Sense pin.
Note 8: Shutdown pin current at VSHDN = 0V flows out of the Shutdown pin.
Note 9: Quiescent current in shutdown is equal to the total sum of the
Shutdown pin current (40
µA) and the Ground pin current (70µA).
Note 10: Reverse output current is tested with the input pin grounded and
the Output pin forced to the rated output voltage. This current flows into
the Output pin and out of the Ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com