Electronic Components Datasheet Search
  English  ▼

X  

LT1528 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1528
Description  3A Low Dropout Regulator for Microprocessor Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1528 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1528 Datasheet HTML 2Page - Linear Technology LT1528 Datasheet HTML 3Page - Linear Technology LT1528 Datasheet HTML 4Page - Linear Technology LT1528 Datasheet HTML 5Page - Linear Technology LT1528 Datasheet HTML 6Page - Linear Technology LT1528 Datasheet HTML 7Page - Linear Technology LT1528 Datasheet HTML 8Page - Linear Technology LT1528 Datasheet HTML 9Page - Linear Technology LT1528 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1528
TYPICAL PERFORMANCE CHARACTERISTICS
Ripple Rejection
Load Regulation
Transient Response
Transient Response
PIN FUNCTIONS
OUTPUT (Pin 1): The Output pin supplies power to the
load. A minimum output capacitor of 3.3
µF is required to
prevent oscillations. Larger values will be needed to achieve
the transient performance required by high speed micro-
processors. See the Applications Information section for
more on output capacitance and reverse output character-
istics.
SENSE (Pin 2): The Sense pin is the input to the error
amplifier. Optimum regulation will be obtained at the point
where the Sense pin is connected to the Output pin. For
most applications the Sense pin is connected directly to
the Output pin at the regulator. In critical applications small
voltage drops caused by the resistance (RP) of PC traces
between the regulator and the load, which would normally
degrade regulation, may be eliminated by connecting the
Sense pin to the Output pin at the load as shown in Figure
1 (Kelvin Sense Connection). Note that the voltage drop
across the external PC traces will add to the dropout
voltage of the regulator. The Sense pin bias current is
150
µA at the nominal regulated output voltage. See Sense
Pin Current vs Temperature in the Typical Performance
Characteristics section. This pin is internally clamped to
– 0.6V (one VBE).
The Sense pin can also be used with a resistor divider to
achieve output voltages above 3.3V. See the Applications
Information section for information on adjustable operation.
FREQUENCY (Hz)
20
30
50
70
80
10
1k
10k
1M
LT1528 • TPC19
10
100
100k
60
40
0
IOUT = 1.5A
VIN = 6V + 50mVRMS RIPPLE
COUT = 4 × 47µF
SOLID TANTALUM
COUT = 47µF
SOLID TANTALUM
TEMPERATURE (
°C)
–50
0
–5
–10
–15
–20
–25
–30
25
75
LT1528 • TPC20
–25
0
50
100
125
VIN = VOUT(NOMINAL) + 1V
∆ILOAD = 1mA TO 3A
TIME (
µs)
0
100
50
0
–50
–100
3
2
1
0
160
LT1528 • TPC22
40
20
60
100
140
180
80
120
200
VIN = 5V
CIN = 3.3µF
COUT = 4 × 47µF
TIME (
µs)
0
100
50
0
–50
–100
3
2
1
0
160
LT1528 • TPC21
40
20
60
100
140
180
80
120
200
VIN = 5V
CIN = 3.3µF
COUT = 47µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com