Electronic Components Datasheet Search
  English  ▼

X  

LT1528 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1528
Description  3A Low Dropout Regulator for Microprocessor Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1528 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1528 Datasheet HTML 3Page - Linear Technology LT1528 Datasheet HTML 4Page - Linear Technology LT1528 Datasheet HTML 5Page - Linear Technology LT1528 Datasheet HTML 6Page - Linear Technology LT1528 Datasheet HTML 7Page - Linear Technology LT1528 Datasheet HTML 8Page - Linear Technology LT1528 Datasheet HTML 9Page - Linear Technology LT1528 Datasheet HTML 10Page - Linear Technology LT1528 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1528
PIN FUNCTIONS
SHDN (Pin 4): This pin is used to put the device into
shutdown. In shutdown the output of the device is turned
off. This pin is active low. The device will be shut down if
the Shutdown pin is actively pulled low. The Shutdown pin
current with the pin pulled to ground will be 60
µA. The
Shutdown pin is internally clamped to 7V and – 0.6V (one
VBE). This allows the Shutdown pin to be driven directly by
5V logic or by open collector logic with a pull-up resistor.
The pull-up resistor is only required to supply the leakage
current of the open collector gate, normally several micro-
amperes. Pull-up current must be limited to a maximum
of 5mA. A curve of Shutdown pin input current as a
function of voltage appears in the Typical Performance
Characteristics section. If the Shutdown pin is not used it
can be left open circuit. The device will be active output on
if the Shutdown pin is not connected.
VIN (Pin 5): Power is supplied to the device through the
input pin. The input pin should be bypassed to ground if
the device is more than six inches away from the main
input filter capacitor. The LT1528 is designed to withstand
reverse voltages on the input pin with respect to ground
and the Output pin. In the case of reversed input, the
LT1528 will act as if there is a diode in series with its input.
There will be no reverse current flow into the LT1528 and
no reverse voltage will appear at the load. The device will
protect both itself and the load.
Figure 1. Kelvin Sense Connection
5
4
1
2
3
+
LT1528
GND
IN
SHDN
OUT
SENSE
+
VIN
LOAD
RP
RP
LT1528 • F01
formula in Figure 2. The value of R1 should be less than
330
Ω to minimize errors in the output voltage caused by
the Sense pin current. Note that in shutdown the output is
turned off and the divider current will be zero. Curves of
Sense Pin Voltage vs Temperature and Sense Pin Current
vs Temperature appear in the Typical Performance Char-
acteristics section.
APPLICATIONS INFORMATION
The LT1528 is a 3A low dropout regulator optimized for
microprocessor applications. Dropout voltage is only 0.6V
at 3A output current. With the Sense pin shorted to the
Output pin, the output voltage is set to 3.3V. The device
operates with a quiescent current of 400
µA. In shutdown,
the quiescent current drops to only 125
µA. The LT1528
incorporates several protection features, including protec-
tion against reverse input voltages. If the output is held at
the rated output voltage when the input is pulled to ground,
the LT1528 acts like it has a diode in series with its output
and prevents reverse current flow.
Adjustable Operation
The LT1528 can be used as an adjustable regulator with an
output voltage range of 3.3V to 14V. The output voltage is
set by the ratio of two external resistors as shown in
Figure 2. The device servos the output voltage to maintain
the voltage at the Sense pin at 3.3V. The current in R1 is
then equal to 3.3V/R1. The current in R2 is equal to the sum
of the current in R1 and the Sense pin current. The Sense
pin current, 130
µA at 25°C, flows through R2 into the
Sense pin. The output voltage can be calculated using the
+
VIN
VOUT
LT1528
GND
IN
SHDN
OUT
SENSE
LT1528 • F02
VOUT = 3.3V 1 +
+ (ISENSE + R2)
VSENSE = 3.3V
ISENSE = 130µA AT 25°C
OUTPUT RANGE = 3.3V TO 14V
R2
R1
)
)
R1
R2
5
4
1
2
3
Figure 2. Adjustable Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com