Electronic Components Datasheet Search
  English  ▼

X  

LT1528 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1528
Description  3A Low Dropout Regulator for Microprocessor Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1528 Datasheet(HTML) 4 Page - Linear Technology

  LT1528 Datasheet HTML 1Page - Linear Technology LT1528 Datasheet HTML 2Page - Linear Technology LT1528 Datasheet HTML 3Page - Linear Technology LT1528 Datasheet HTML 4Page - Linear Technology LT1528 Datasheet HTML 5Page - Linear Technology LT1528 Datasheet HTML 6Page - Linear Technology LT1528 Datasheet HTML 7Page - Linear Technology LT1528 Datasheet HTML 8Page - Linear Technology LT1528 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1528
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current
Dropout Voltage
Guaranteed Dropout Voltage
TEMPERATURE (
°C)
–50
25
LT1528 • TPC02
–25
0
50
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
75
100
125
ILOAD = 3A
ILOAD = 1.5A
ILOAD = 300mA
ILOAD = 10mA
ILOAD = 700mA
TEMPERATURE (
°C)
–50
25
LT1528 • TPC03
–25
0
50
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
75
100
125
VSHDN = OPEN
VSHDN = 0V
VIN = 4.3V
RL =
∞
Sense Pin Voltage
Ground Pin Current
Quiescent Current
INPUT VOLTAGE (V)
0
2000
1750
1500
1250
1000
750
500
250
0
8
LT1528 • TPC04
2
135
79
4
6
10
ILOAD = 0
RLOAD =
∞
VSHDN = OPEN (HIGH)
VSHDN = 0V
TEMPERATURE (
°C)
–50
25
LT1528 • TPC05
–25
0
50
3.400
3.375
3.350
3.325
3.300
3.275
3.250
3.225
3.200
75
100
125
ILOAD = 1mA
Shutdown Pin Threshold
(On-to-Off)
Ground Pin Current
Ground Pin Current
INPUT VOLTAGE (V)
0
100
90
80
70
60
50
40
30
20
10
0
8
LT1528 • TPC07
2
135
79
4
6
10
TJ = 25°C
VOUT = VSENSE
*FOR VOUT = 3.3V
RL = 1.1Ω
ILOAD = 3A*
RL = 2.2Ω
ILOAD = 1.5A*
RL = 4.7Ω
ILOAD = 700mA*
OUTPUT CURRENT (A)
0
0.5
1.0
1.5
2.0
LT1528 • TPC01
2.5
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
3.0
TJ ≤ 125°C
TJ ≤ 25°C
= TEST POINTS
OUTPUT CURRENT (A)
0
0.5
1.0
1.5
2.0
LT1528 • TPC08
2.5
100
90
80
70
60
50
40
30
20
10
0
3.0
TJ = 125°C
TJ = –50°C
TJ = 25°C
VIN = 3.3V
DEVICE IS OPERATING
IN DROPOUT
INPUT VOLTAGE (V)
0
0
1
3
4
5
7
1
5
7
LT1528 • TPC06
2
6
4
9
10
2
3
68
RL = 6.6Ω
ILOAD = 500mA*
RL = 11Ω
ILOAD = 300mA*
RL = 33Ω
ILOAD = 100mA*
RL = 330Ω: ILOAD = 10mA*
TJ = 25°C
VOUT = VSENSE
*FOR VOUT = 3.3V
TEMPERATURE (
°C)
–50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
75
LT1528 • TPC09
–25
25
100
125
ILOAD = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com