Electronic Components Datasheet Search
  English  ▼

X  

LT1579 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1579
Description  300mA Dual Input Smart Battery Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1579 Datasheet HTML 5Page - Linear Technology LT1579 Datasheet HTML 6Page - Linear Technology LT1579 Datasheet HTML 7Page - Linear Technology LT1579 Datasheet HTML 8Page - Linear Technology LT1579 Datasheet HTML 9Page - Linear Technology LT1579 Datasheet HTML 10Page - Linear Technology LT1579 Datasheet HTML 11Page - Linear Technology LT1579 Datasheet HTML 12Page - Linear Technology LT1579 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1579
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
10
40
50
60
70
80
100
1k
10k
100k
1M
1579 G30
30
20
10
0
90
100
COUT = 47µF
SOLID
TANTALUM
COUT = 4.7µF
SOLID
TANTALUM
ILOAD = 150mA
VIN = 6V + 50mVRMS RIPPLE
Ripple Rejection
PIN FUNCTIONS
VIN1: The primary power source is connected to VIN1. A
bypass capacitor is required on this pin if the device is
more than six inches away from the main input filter
capacitor. In general, the output impedance of a battery
rises with frequency, so it is advisable to include a bypass
capacitor in battery-powered circuits. A bypass capacitor
in the range of 1
µF to 10µF is sufficient.
VIN2: The secondary power source is connected to VIN2.
A bypass capacitor is required on this pin if the device is
more than six inches away from the main input filter
capacitor. In general, the output impedance of a battery
rises with frequency, so it is advisable to include a bypass
capacitor in battery-powered circuits. A bypass capacitor
in the range of 1
µF to 10µF is sufficient.
OUT: The output supplies power to the load. A minimum
output capacitor of 4.7
µF is required to prevent oscilla-
tions. Larger output capacitors will be required for appli-
cations with large transient loads to limit peak voltage
transients.
ADJ: For the adjustable LT1579, this is the input to the
error amplifier. This pin is internally clamped to 7V and
– 0.6V (one VBE). It has a bias current of 6nA which flows
6V
5V
VIN1
VOUT
50mV/DIV
UNPLUG
VIN1
REPLACE
VIN1
LT1579-5 “Hot” Plugging and
Unplugging Transient Response
TIME (ms)
0
–50
50
0.8
1579 G34
200
–100
0
100
300
100
0.2
0.4
0.6
0.1
0.9
0.3
0.5
0.7
1,0
VIN = 6V
CIN = 1µF CERAMIC
COUT = 22µF TANTALUM
LT1579-5 Transient Response
LT1579-5 Transient Response
TIME (
µs)
0
–50
50
400
1579 G33
100
50
–100
0
100
75
25
0
100
200
300
50
450
150
250
350
500
VIN = 6V
CIN = 1µF CERAMIC
COUT = 4.7µF TANTALUM
Load Regulation
TEMPERATURE (
°C)
–50
–2
25
1579 G40
–8
–12
–25
0
50
–14
–16
0
–4
–6
–10
75
100
125
∆ILOAD = 1mA TO 300mA
LT1579
LT1579-5
LT1579-3.3
LT1579-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com