Electronic Components Datasheet Search
  English  ▼

X  

LT1579 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1579
Description  300mA Dual Input Smart Battery Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1579 Datasheet HTML 3Page - Linear Technology LT1579 Datasheet HTML 4Page - Linear Technology LT1579 Datasheet HTML 5Page - Linear Technology LT1579 Datasheet HTML 6Page - Linear Technology LT1579 Datasheet HTML 7Page - Linear Technology LT1579 Datasheet HTML 8Page - Linear Technology LT1579 Datasheet HTML 9Page - Linear Technology LT1579 Datasheet HTML 10Page - Linear Technology LT1579 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1579
TYPICAL PERFORMANCE CHARACTERISTICS
Logic Flag Output Voltage
(Output Low)
Logic Flag Output Voltage
(Output Low)
TEMPERATURE (
°C)
–50
0.8
1.0
1.2
25
75
1579 G21
0.6
0.4
–25
0
50
100
125
0.2
0
ISINK = 5mA
ISINK = 20µA
LOGIC FLAG SINK CURRENT
0.2
0.4
0.6
0.5
0.8
1.0
0.1
0.3
0.7
0.9
1
µA10µA
100
µA
1mA
10mA
1579 G20
0
OUTPUT CURRENT (mA)
0
3
4
5
150
250
1579 G37
2
1
0
50
100
200
6
7
8
300
VIN1 = VIN2 = VOUT(NOMINAL) + 1V
Ground Pin Current
Minimum Input Voltage
TEMPERATURE (
°C)
–50
2.0
2.1
2.3
2.4
2.5
3.0
2.7
0
50
75
1579 G14
2.2
2.8
2.9
2.6
–25
25
100
125
Shutdown Pin Threshold
TEMPERATURE (
°C)
–50 – 25
0
0.4
1.0
0
50
75
1579 G15
0.2
0.8
0.6
25
100
125
ILOAD = 1mA
Secondary Select Threshold
(Switch to VIN1)
TEMPERATURE (
°C)
–50
0
0.2
0.6
0.8
1.0
2.0
1.4
0
50
75
1579 G18
0.4
1.6
1.8
1.2
–25
25
100
125
ILOAD = 300mA
ILOAD = 1mA
Secondary Select Threshold
(Switch to VIN2)
TEMPERATURE (
°C)
–50
0
0.2
0.6
0.8
1.0
2.0
1.4
0
50
75
1579 G17
0.4
1.6
1.8
1.2
–25
25
100
125
ILOAD = 1mA
TEMPERATURE (
°C)
–50 – 25
0
1.0
2.5
0
50
75
1579 G16
0.5
2.0
1.5
25
100
125
VSHDN = 0V
Shutdown Pin Current
Secondary Select Pin Current
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
0
50
75
1579 G19
0.2
0.8
0.9
0.6
–25
25
100
125
VSS = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com