Electronic Components Datasheet Search
  English  ▼

X  

LT1579 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1579
Description  300mA Dual Input Smart Battery Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1579 Datasheet HTML 10Page - Linear Technology LT1579 Datasheet HTML 11Page - Linear Technology LT1579 Datasheet HTML 12Page - Linear Technology LT1579 Datasheet HTML 13Page - Linear Technology LT1579 Datasheet HTML 14Page - Linear Technology LT1579 Datasheet HTML 15Page - Linear Technology LT1579 Datasheet HTML 16Page - Linear Technology LT1579 Datasheet HTML 17Page - Linear Technology LT1579 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1579
if VIN2 >VIN1, so typically only 3µA. The primary input will
automatically go into standby mode as the primary input
drops below the output voltage. The primary input can also
be forced into standby mode by asserting the SS pin. In
either case, the current drawn from the primary input is
reduced to a maximum of 7
µA.
Shutdown
The LT1579 has a low power shutdown state where all
functions of the device are shut off. The device is put into
shutdown mode when the shutdown pin is pulled below
0.7V. The quiescent current in shutdown has three com-
ponents: 2
µAdrawnfromtheprimary,2µAdrawnfromthe
secondary and 3
µA which is drawn from the higher of the
two inputs.
Protecting Batteries Using Secondary Select (SS)
Some batteries, such as lithium-ion cells, are sensitive to
deep discharge conditions. Discharging these batteries
below a certain threshold severely shortens battery life. To
prevent deep discharge of the primary cells, the LT1579
secondary select (SS) pin can be used to switch power
draw from the primary input to the secondary. When this
pin is pulled low, current out of the primary is reduced to
2
µA. A low-battery detector with the trip point set at the
critical discharge point can signal the low battery condi-
tion and force the switchover to the secondary as shown
in Figure 2. The second low-battery comparator can be
used to set a latch to shutdown the LT1579 (see the Typical
Applications).
APPLICATIONS INFORMATION
Low-Battery Comparators
There are two independent low-battery comparators in the
LT1579. This allows for individual monitoring of each
input. The inverting inputs of both comparators are con-
nected to an internal 1.5V reference. The low-battery
comparator trip point is set by an external resistor divider
as shown in Figure 3. The current in R1 at the trip point is
1.5V/R1. The current in R2 is equal to the current in R1.
The low-battery comparator input bias current, 2nA flow-
ing out of the pin, is negligible and may be ignored. The
value of R1 should be less than 1.5M in order to minimize
errors in the trip point. The value of R2 for a given trip point
is calculated using the formulas in Figure 3.
The low-battery comparators have a small amount of
hysteresis built-in. The amount of hysteresis is dependent
upon the output sink current (ISINK) when the comparator
is tripped low. At no load, comparator hysteresis is zero,
increasing to a maximum of 18mV for sink currents above
20
µA. See the curve of Low-Battery Comparator Hyster-
esis in the Typical Performance Characteristics. If larger
amounts of hysteresis are desired, R3 and D1 can be
added. D1 can be any small diode, typically a 1N4148.
Calculating VLBO can be done using a load line on the curve
of Logic Flag Output Voltage vs Sink Current in the Typical
Performance Characteristics.
Figure 2. Connecting SS to Low-Battery Detector
Output to Prevent Damage to Batteries
LBO
SS
GND
VCC
RP
1579 F02
–
+
R2
R1
1.5V
R4
D1
R3
VTRIP
VOUT
LBI
LBO
ISINK
LTC1579 • F02
R2 = (VTRIP – 1.5V)
R1
1.5V
()
HYSTERESIS = VHYST 1 +
FOR ISINK ≥ 20µA, VHYST = 18mV,
FOR ISINK < 20µA, SEE THE TYPICAL
PERFORMANCE CHARACTERISTICS
R2
R1
()
R3 =
(1.5V + VHYST – 0.6V – VLBO)(R2)
VHYST(ADDED)
FOR ADDED HYSTERESIS
Figure 3. Low-Battery Comparator Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com