Electronic Components Datasheet Search
  English  ▼

X  

LT1579 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1579
Description  300mA Dual Input Smart Battery Backup Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1579 Datasheet HTML 2Page - Linear Technology LT1579 Datasheet HTML 3Page - Linear Technology LT1579 Datasheet HTML 4Page - Linear Technology LT1579 Datasheet HTML 5Page - Linear Technology LT1579 Datasheet HTML 6Page - Linear Technology LT1579 Datasheet HTML 7Page - Linear Technology LT1579 Datasheet HTML 8Page - Linear Technology LT1579 Datasheet HTML 9Page - Linear Technology LT1579 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1579
TYPICAL PERFORMANCE CHARACTERISTICS
Input and Ground Pin Current
VIN1 – VOUT (V)
0
4
8
12
2
6
10
0
200
400
600
100
300
500
0
0.2
0.4
0.6
1579 G09
0.8
–0.1
–0.2
0.1
0.3
0.5
0.7
IIN2
IIN1
VOUT = 5V
VIN2 = 6V
ILOAD = 10mA
IGND
Input and Ground Pin Current
Input and Ground Pin Current
Input and Ground Pin Current
VIN1 – VOUT (V)
0
0.4
0.8
1.2
0.2
0.6
1.0
0
100
200
300
50
150
250
0
0.2
0.4
0.6
1579 G08
0.8
–0.1
–0.2
0.1
0.3
0.5
0.7
IIN2
IIN1
VOUT = 5V
VIN2 = 6V
ILOAD = 1mA
IGND
VIN1 – VOUT (V)
0
20
40
60
10
30
50
0
0.4
0.8
1.2
0.2
0.6
1.0
0
0.2
0.4
0.6
1579 G10
0.8
–0.1
–0.2
0.1
0.3
0.5
0.7
IIN2
IIN1
VOUT = 5V
VIN2 = 6V
ILOAD = 50mA
IGND
VIN1 – VOUT (V)
0
40
80
120
20
60
100
0
1.0
2.0
3.0
0.5
1.5
2.5
0
0.2
0.4
0.6
1579 G11
0.8
–0.1
–0.2
0.1
0.3
0.5
0.7
IIN2
IIN1
VOUT = 5V
VIN2 = 6V
ILOAD = 100mA
IGND
Input and Ground Pin Current
Input and Ground Pin Current
VIN1 – VOUT (V)
0
40
80
60
120
160
20
100
140
0
1.0
2.0
4.0
3.5
0.5
1.5
3.0
2.5
0
0.2
0.4
0.6
1579 G12
0.8
–0.1
–0.2
0.1
0.3
0.5
0.7
VOUT = 5V
VIN2 = 6V
ILOAD = 150mA
IGND
IIN2
IIN1
VIN1 – VOUT (V)
0
100
200
150
300
350
50
250
0
4
8
14
2
6
12
10
0
0.2
0.4
0.6
1579 G13
0.8
–0.1
–0.2
0.1
0.3
0.5
0.7
VOUT = 5V
VIN2 = 6V
ILOAD = 300mA
IGND
IIN2
IIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com