Electronic Components Datasheet Search
  English  ▼

X  

UPD75336 Datasheet(PDF) 47 Page - NEC

Part # UPD75336
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75336 Datasheet(HTML) 47 Page - NEC

Back Button UPD75336 Datasheet HTML 43Page - NEC UPD75336 Datasheet HTML 44Page - NEC UPD75336 Datasheet HTML 45Page - NEC UPD75336 Datasheet HTML 46Page - NEC UPD75336 Datasheet HTML 47Page - NEC UPD75336 Datasheet HTML 48Page - NEC UPD75336 Datasheet HTML 49Page - NEC UPD75336 Datasheet HTML 50Page - NEC UPD75336 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
47
µPD75336
MAIN SYSTEM CLOCK OSCILLATOR CHARACTERISTICS (Ta = –40 to +85
°C, VDD = 2.7 to 6.0 V)
RECOMMENDED
TEST
RESONATOR
PARAMETER
MIN.
TYP.
MAX.
UNIT
CIRCUIT
CONDITIONS
Oscillator
frequency (fx)*1
After VDD
reaches the
Oscillation
MIN. value of
stabilization time*2
the oscillation
voltage
range
Oscillator
frequency (fx)*1
VDD = 4.5
to 6.0 V
Oscillation
stabilization time*2
30
ms
X1 input
frequency (fx)*1
X1 input
high-/low-level
100
500
ns
width (tXH, tXL)
4
ms
1.0
5.0*3
MHz
1.0
4.19
5.0*3
MHz
1.0
5.0*3
MHz
10
ms
Ceramic
resonator
Crystal
resonator
External
clock
X1
X2
C2
C1
VDD
X1
X2
C2
C1
VDD
X1
X2
µPD74HCU04
*1. The oscillator frequency and X1 input frequency indicate only the oscillator characteristics. For the instruction
execution time refer to the AC CHARACTERISTICS.
2. The oscillation stabilization time is necessary for oscillation to stabilize after VDD reaches the MIN. value of
the oscillation voltage range or releasing the STOP mode.
3. When the oscillator frequency is “4.19 MHz < fX
≤ 5.0 MHz” PCC = 0011 should for the instruction execution
time. If PCC = 0011 is selection, 1 machine cycle is less than 0.95
µs with the result that the specified MIN.
value, 0.95
µs cannot be observed.
Note
When using the main system clock oscillator or the subsystem clock oscillator, wiring in the area enclosed
with the dotted line should be carried out as follows to avoid an adverse effect from wiring capacitance.
• Wiring should be as short as possible.
• Wiring should not cross other signal lines or not be placed close to a varying high current.
• The potential of the oscillator capacitor ground should always be the same as VSS. Do not ground wiring
to a ground pattern in which a high current flows.
• Do not fetch a signal from the oscillator.
The subsystem clock oscillator is a circuit with a low amplification level, more prone to misoperation due
to noise than the main system clock. Therefore, when using the subsystem clock, special care is required
in wiring methods.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com