Electronic Components Datasheet Search
  English  ▼

X  

UPD75336 Datasheet(PDF) 8 Page - NEC

Part # UPD75336
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75336 Datasheet(HTML) 8 Page - NEC

Back Button UPD75336 Datasheet HTML 4Page - NEC UPD75336 Datasheet HTML 5Page - NEC UPD75336 Datasheet HTML 6Page - NEC UPD75336 Datasheet HTML 7Page - NEC UPD75336 Datasheet HTML 8Page - NEC UPD75336 Datasheet HTML 9Page - NEC UPD75336 Datasheet HTML 10Page - NEC UPD75336 Datasheet HTML 11Page - NEC UPD75336 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
8
µPD75336
3.
PIN FUNCTIONS
3.1
PORT PINS (1/2)
Dual-
Function Pin
INT4
SCK
SO/SB0
SI/SB1
INT0
INT1
INT2
TI0
PTO0
PTO1
PCL
BUZ
LCDCL
SYNC
—
—
—
—
I/O Circuit
Type *1
B
F - A
F - B
M - C
B - C
E - B
E - B
M
M
*1.
: Schmitt triggered input
2. LED direct drive possible
With noise elimination function
Pin Name
P00
P01
P02
P03
P10
P11
P12
P13
P20
P21
P22
P23
P30 *2
P31 *2
P32 *2
P33 *2
P40 to P43 *2
P50 to P53 *2
Input/Output
Input
Input/output
Input/output
Input/output
Input
Input/output
Input/output
Input/output
Input/output
Function
4-bit input port (PORT 0)
Pull-up resistor can be used for P01 to P03
as a 3-bit unit by software.
4-bit input port (PORT 1)
Pull-up resistor can be used as a 4-bit unit
by software.
4-bit input/output port (PORT 2)
Pull-up resistor can be used as a 4-bit unit
by software.
Programmable 4-bit input/output port (PORT 3)
Input/output can be specified bit-wise.
Pull-up resistor can be used as a 4-bit unit
by software.
N-ch open-drain 4-bit input/output port
(PORT 4)
On-chip pull-up resistor can be specified bit-
wise (mask option).
Open-drain: 10 V withstand voltage
N-ch open-drain 4-bit input/output port
(PORT 5)
On-chip pull-up resistor can be specified bit-
wise (mask option).
Open-drain: 10 V withstand voltage
Reset
Input
Input
Input
Input
High level
(on-chip pull-up re-
sistor) or high-im-
pedance
High level
(on-chip pull-up
resistor) or high-
impedance
8-Bit I/O
×
×
×
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com