Electronic Components Datasheet Search
  English  ▼

X  

UPD75336 Datasheet(PDF) 19 Page - NEC

Part # UPD75336
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75336 Datasheet(HTML) 19 Page - NEC

Back Button UPD75336 Datasheet HTML 15Page - NEC UPD75336 Datasheet HTML 16Page - NEC UPD75336 Datasheet HTML 17Page - NEC UPD75336 Datasheet HTML 18Page - NEC UPD75336 Datasheet HTML 19Page - NEC UPD75336 Datasheet HTML 20Page - NEC UPD75336 Datasheet HTML 21Page - NEC UPD75336 Datasheet HTML 22Page - NEC UPD75336 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
19
µPD75336
5.
PERIPHERAL HARDWARE FUNCTIONS
5.1
PORTS
There are four types of I/O port as follows.
• CMOS input (PORT0, 1)
:
8
• CMOS input/output (PORT2, 3, 6, 7, 8)
: 20
• CMOS output (BIT PORT)
:
8
• N-ch open-drain input/output (PORT4, 5)
:
8
Total
44
Table 5-1 Port Functions
*
LED can be directly driven.
Regardless of the operating mode of the shared
pin, reading or test is always possible.
Can be set in the input or output mode as a 4-
bit unit. Port 6 and Port 7 are paired for input
and output of data as an 8-bit unit.
Can be set in the input or output mode as a 4-
bit unit. Port 4 and port 5 are paired for input
and output of data as an 8-bit unit.
Data are output bit-wise. Can be switched with
LCD driver segment outputs S24 to S31 through
software.
PORT 0
PORT 1
PORT 3 *
PORT 6
PORT 2
PORT 7
PORT 8
PORT 4 *
PORT 5 *
BP0 to BP7
Dual-function pins as SO/SB0, SI/
SB1, SCK, INT0 to INT2, INT4 and
TI0
Dual-function pins as LCDCL and
SYNC.
Dual-function pins as KR0 to KR3.
Dual-function pins as PTO0, PTO1,
PCL and BUZ in port 2.
Dual-function pins as KR4 to KR7.
Dual-function pins as TI1, AN6
and AN7
In the case of the mask option, on-
chip pull-up resistors can be speci-
fied bit-wise.
4-bit input
4-bit input/output
4-bit input/output
(N-ch open-drain 10
V withstand voltage)
1-bit output
Can be set in the input or output mode bit-wise
Port (Symbol)
Function
Operation/Features
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com