Electronic Components Datasheet Search
  English  ▼

X  

UPD75336 Datasheet(PDF) 23 Page - NEC

Part # UPD75336
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75336 Datasheet(HTML) 23 Page - NEC

Back Button UPD75336 Datasheet HTML 19Page - NEC UPD75336 Datasheet HTML 20Page - NEC UPD75336 Datasheet HTML 21Page - NEC UPD75336 Datasheet HTML 22Page - NEC UPD75336 Datasheet HTML 23Page - NEC UPD75336 Datasheet HTML 24Page - NEC UPD75336 Datasheet HTML 25Page - NEC UPD75336 Datasheet HTML 26Page - NEC UPD75336 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
23
µPD75336
5.5
WATCH TIMER
The
µPD75336 has one-channel on-chip watch timer. The watch timer has the following functions.
• Sets the test flag (IRQW) at a 0.5 sec. time interval.
Can release the standby mode by IRQW.
• Can generate the 0.5 sec. time interval with the main system clock or the subsystem clock.
• Can carry out program debugging or inspection efficiently in the fast feed mode with a time interval set
to 3.91
µs (128 times the normal feed mode).
• Can generate a frequency of 2.048, 4.096 or 32.768 kHz to the P23/BUZ pin to generate buzzer sound or trim
the system clock oscillation frequency.
• Can start the watch at zero second since it can clear the divider.
Fig. 5-4 Block Diagram of Watch Timer
Values in parentheses are when fX = 4.194304 MHz and fXT = 32.768 kHz.
Selector
Frequency Divider
fLCD
2
14
fW
2
6
fW
(512 Hz : 1.95 ms)
(256 Hz : 3.91 ms)
fW
(32.768 kHz)
Selector
From
Clock
Generator
128
fX
(32.768 kHz)
fXT
(32.768 kHz)
INTW
IRQW Set
Signal
8
Internal Bus
WM7
0
WM5 WM4 WM3 WM2 WM1 WM0
Bit Test Instruction
P23
Output
Latch
Port 2
Input/Output
Mode
PORT2.3
Bit 2 of PMGB
P23/BUZ
Output Buffer
Clear
WM
2 Hz
0.5 sec
(4 kHz) (2 kHz)
Selector
2
7
fW
2
3
fW
2
4
fW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com