Electronic Components Datasheet Search
  English  ▼

X  

LT1793 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1793
Description  Low Noise, Picoampere Bias Current, JFET Input Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1793 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1793 Datasheet HTML 4Page - Linear Technology LT1793 Datasheet HTML 5Page - Linear Technology LT1793 Datasheet HTML 6Page - Linear Technology LT1793 Datasheet HTML 7Page - Linear Technology LT1793 Datasheet HTML 8Page - Linear Technology LT1793 Datasheet HTML 9Page - Linear Technology LT1793 Datasheet HTML 10Page - Linear Technology LT1793 Datasheet HTML 11Page - Linear Technology LT1793 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1793
S
APPLICATI
I FOR ATIO
voltage noise, the thermal noise of the transducer, and the
op amp’s input bias current noise times the transducer
impedance. Figure 3 shows total input voltage noise
versus source resistance. In a low source resistance
(< 5k) application the op amp voltage noise will dominate
the total noise. This means the LT1793 is superior to
most JFET op amps. Only the lowest noise bipolar op
amps have the advantage at low source resistances. As
the source resistance increases from 5k to 50k, the
LT1793 will match the best bipolar op amps for noise
performance, since the thermal noise of the transducer
(4kTR) begins to dominate the total noise. A further
increase in source resistance, above 50k, is where the op
amp’s current noise component (2qIBR2) will eventually
dominate the total noise. At these high source resis-
tances, the LT1793 will out perform the lowest noise
bipolar op amps due to the inherently low current noise of
FET input op amps. Clearly, the LT1793 will extend the
range of high impedance transducers that can be used for
high signal-to-noise ratios. This makes the LT1793 the
best choice for high impedance, capacitive transducers.
Optimization Techniques for Charge Amplifiers
The high input impedance JFET front end makes the
LT1793 suitable in applications where very high charge
sensitivity is required. Figure 4 illustrates the LT1793 in its
inverting and noninverting modes of operation. A charge
amplifier is shown in the inverting mode example; the gain
depends on the principal of charge conservation at the
input of the LT1793. The charge across the transducer
capacitance CS is transferred to the feedback capacitor CF
with temperature will occur when the device is nulled with
a potentiometer ranging from 10k to 200k. Finer adjust-
ments can be made with resistors in series with the
potentiometer (Figure 2b).
Amplifying Signals from High Impedance Transducers
The low voltage and current noise offered by the LT1793
makes it useful in a wide range of applications, especially
where high impedance, capacitive transducers are used
such as hydrophones, precision accelerometers and
photodiodes. The total output noise in such a system is
the gain times the RMS sum of the op amp’s input referred
Figure 3. Comparison of LT1793 and LT1007 Total Output
1kHz Voltage Noise vs Source Resistance
Figure 4. Inverting and Noninverting Gain Configurations
SOURCE RESISTANCE (
Ω)
100
1
10
1k
10k
1k
100M
1G
1793 F03
100k
100
10M
10k
1M
Vn = AV √Vn
2
(OP AMP) + 4kTR + 2qIBR
2
SOURCE RESISTANCE = 2RS = R
* PLUS RESISTOR
† PLUS RESISTOR
 1000pF CAPACITOR
RESISTOR NOISE ONLY
LT1793
LT1007*
LT1007
†
LT1793
†
LT1007
LT1793*
CS
CS
RS
RS
VO
R2
OUTPUT
RB
CB
R1
CS
RS
CB ≅ CS
RB = RS
RS > R1 OR R2
TRANSDUCER
OUTPUT
CF
CB
RB
CB = CFCS
RB = RFRS
RF
CS
RS
TRANSDUCER
1793 F04
Q = CV;
= I = C
dQ
dt
dV
dt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com