Electronic Components Datasheet Search
  English  ▼

X  

LT1793 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1793
Description  Low Noise, Picoampere Bias Current, JFET Input Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1793 Datasheet(HTML) 5 Page - Linear Technology

  LT1793 Datasheet HTML 1Page - Linear Technology LT1793 Datasheet HTML 2Page - Linear Technology LT1793 Datasheet HTML 3Page - Linear Technology LT1793 Datasheet HTML 4Page - Linear Technology LT1793 Datasheet HTML 5Page - Linear Technology LT1793 Datasheet HTML 6Page - Linear Technology LT1793 Datasheet HTML 7Page - Linear Technology LT1793 Datasheet HTML 8Page - Linear Technology LT1793 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1793
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Voltage Noise vs Frequency
INPUT VOLTAGE NOISE (nV/
√Hz)
4.2
30
40
50
7.4
1793 G02
20
10
0
5.0
5.8
6.6
4.6
7.8
5.4
6.2
7.0
8.2
TA = 25°C
VS = ±15V
510 OP AMPS TESTED
1kHz Input Noise Voltage
Distribution
TIME (SEC)
24
6
8
1793 G01
10
0
0.1Hz to 10Hz Voltage Noise
FREQUENCY (Hz)
110
1
10
100
100
1k
10k
1793 G03
TA = 25°C
VS = ±15V
1/f CORNER
30Hz
Common Mode Limit
vs Temperature
Voltage Noise
vs Chip Temperature
TEMPERATURE (
°C)
–75
6
7
8
1793 G04
5
4
2
0
50
100
3
10
9
–50 –25
25
75
125
VS = ±15V
TEMPERATURE (
°C)
–60
V+
0
–0.5
–1.0
–1.5
–2.0
100
1793 G05
4.0
3.0
2.5
3.5
V– +2.0
–20
20
60
140
V+ = 5V TO 20V
V – = – 5V TO – 20V
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
40
80
120
20
60
100
1k
100k
1M
10M
1793 G06
0
10k
TA = 25°C
VS = ±15V
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
10
0
20
40
60
80
120
100
1k
10k
100k
1793 G07
1M
10M
100
TA = 25°C
+PSRR
–PSRR
Gain and Phase Shift
vs Frequency
FREQUENCY (MHz)
0.1
–10
30
40
50
1
10
100
1793 G09
20
10
0
200
120
100
80
140
160
180
PHASE
GAIN
TA = 25°C
VS = ±15V
CL = 10pF
Voltage Gain vs Frequency
FREQUENCY (Hz)
0.01
100
140
180
1M
1793 G08
60
20
80
120
160
40
0
–20
1
100
10k
100M
TA = 25°C
VS = ±15V
CL = 10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com