Electronic Components Datasheet Search
  English  ▼

X  

LT1793 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1793
Description  Low Noise, Picoampere Bias Current, JFET Input Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1793 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1793 Datasheet HTML 2Page - Linear Technology LT1793 Datasheet HTML 3Page - Linear Technology LT1793 Datasheet HTML 4Page - Linear Technology LT1793 Datasheet HTML 5Page - Linear Technology LT1793 Datasheet HTML 6Page - Linear Technology LT1793 Datasheet HTML 7Page - Linear Technology LT1793 Datasheet HTML 8Page - Linear Technology LT1793 Datasheet HTML 9Page - Linear Technology LT1793 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1793
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Small-Signal Transient Response
AV = 1
CL = 10pF
VS = ±15V, ±5V
1793 G10
1
µs/DIV
OUTPUT CURRENT (mA)
–10
V+ – 0.8
–1.0
–1.2
– 1.4
–1.6
2.0
1.8
1.6
1.4
1.2
V– +1.0
6
1793 G12
–8
–2
2
10
–6 –4
04
8
25
°C
–55
°C
125
°C
–55
°C
25
°C
125
°C
VS = ±5V TO ±20V
ISINK
ISOURCE
Output Voltage Swing
vs Load Current
Large-Signal Transient Response
5
µs/DIV
AV = 1
CL = 10pF
RL = 2k
VS = ±15V
1793 G11
THD and Noise Frequency for
Noninverting Gain
CAPACITIVE LOAD (pF)
0.1
30
AV = 10
AV = 1
40
50
1000
1793 G13
20
10
0
1
10
100
10000
VS = ±15V
TA = 25°C
RL ≥ 10k
VO = 100mVP-P
AV = 10
RF = 10k
CF = 20pF
Capacitive Load Handling
FREQUENCY (Hz)
20
100
0.0001
0.01
1
1k
20k
10k
1793 G15
0.001
0.1
ZL = 2k  15pF
VO = 20VP-P
AV = 1, 10, 100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
AV = 100
NOISE FLOOR
AV = 10
AV = 1
Warm-Up Drift
TIME AFTER POWER ON (MINUTES)
0
0
15
30
45
60
90
1
23
4
1793 G14
56
75
SO-8 PACKAGE
N8 PACKAGE
VS = ±15V
TA = 25°C
THD and Noise vs Output
Amplitude for Noninverting Gain
THD and Noise vs Frequency for
Inverting Gain
FREQUENCY (Hz)
20
100
0.0001
0.01
1
1k
20k
10k
1793 G16
0.001
0.1
ZL = 2k  15pF
VO = 20VP-P
AV = –1, –10, –100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
AV = –100
NOISE FLOOR
AV = –10
AV = –1
OUTPUT SWING (VP-P)
0.001
0.01
0.1
1
110
30
1793 G18
0.0001
0.3
ZL = 2k  15pF, fO = 1kHz
AV = 1, 10, 100
MEASUREMENT BANDWIDTH
= 10Hz TO 22kHz
AV = 100
AV = 10
AV = 1
THD and Noise vs Output
Amplitude for Inverting Gain
OUTPUT SWING (VP-P)
0.001
0.01
0.1
1
110
30
1793 G17
0.0001
0.3
ZL = 2k  15pF, fO = 1kHz
AV = –1, –10, –100
MEASUREMENT BANDWIDTH
= 10Hz TO 22kHz
AV = –100
AV = –10
AV = –1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com